Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28837FS Datasheet(PDF) 4 Page - Texas Instruments

Part # SN28837FS
Description  1/2-INCH PAL TIMER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28837FS Datasheet(HTML) 4 Page - Texas Instruments

  SN28837FS Datasheet HTML 1Page - Texas Instruments SN28837FS Datasheet HTML 2Page - Texas Instruments SN28837FS Datasheet HTML 3Page - Texas Instruments SN28837FS Datasheet HTML 4Page - Texas Instruments SN28837FS Datasheet HTML 5Page - Texas Instruments SN28837FS Datasheet HTML 6Page - Texas Instruments SN28837FS Datasheet HTML 7Page - Texas Instruments SN28837FS Datasheet HTML 8Page - Texas Instruments SN28837FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN28837
1/2-INCH PAL TIMER
SOCS031B – JULY 1991
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SFI
14
O
Second field index
SH1
51
O
Sample and hold 1
S1
32
O
Serial clock 1
S2
33
O
Serial clock 2
S3
34
O
Serial clock 3
T
31
O
Transfer-gate clock
TESTA
12
O
Test A (factory-test point)
TESTB
16
O
Test B (factory-test point)
TESTC
17
O
Test C (factory-test point)
VCC
24, 40, 45
DC power
VCC1
44
Oscillator power
VCR
58
I
Vertical-counter reset
VD
8
O
Vertical drive
VDS
18
I
Vertical-dump speed. When VDS is high, the vertical-dump frequency is 3.3 MHz; when VDS is low, the
vertical-dump frequency is 2 MHz.
VD2
28
O
Real-display-area signal. VD2 is a test point and is not used in normal operation.
VGATE
20
O
Decoded V count signal. VGATE is a test point and is not used in normal operation.
X1
42
Crystal oscillator (see Figure 2)
X2
43
Crystal oscillator (see Figure 2)
12
3
tint
Flush Pulses
Transfer Pulse
GP
Figure 1. GP Flush and Transfer Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com