Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZM55C2V4 Datasheet(PDF) 2 Page - Dc Components

Part # BZM55C2V4
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BZM55C2V4 Datasheet(HTML) 2 Page - Dc Components

  BZM55C2V4 Datasheet HTML 1Page - Dc Components BZM55C2V4 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZM55C2V4
2.28
2.56
5
85
600
1
50
1
-0.085
155
BZM55C2V7
2.5
2.9
5
85
600
1
10
1
-0.080
135
BZM55C3V0
2.8
3.2
5
85
600
1
4
1
-0.075
125
BZM55C3V3
3.1
3.5
5
85
600
1
2
1
-0.070
115
BZM55C3V6
3.4
3.8
5
85
600
1
2
1
-0.065
105
BZM55C3V9
3.7
4.1
5
85
600
1
2
1
-0.060
95
BZM55C4V3
4.0
4.6
5
75
600
1
1
1
0.055
90
BZM55C4V7
4.4
5.0
5
60
600
1
0.5
1
0.030
85
BZM55C5V1
4.8
5.4
5
35
550
1
0.1
1
0.030
80
BZM55C5V6
5.2
6.0
5
25
450
1
0.1
1
+0.038
70
BZM55C6V2
5.8
6.6
5
10
200
1
0.1
2
+0.045
64
BZM55C6V8
6.4
7.2
5
8
150
1
0.1
3
+0.050
58
BZM55C7V5
7.0
7.9
5
7
50
1
0.1
5
+0.058
53
BZM55C8V2
7.7
8.7
5
7
50
1
0.1
6.2
+0.062
47
BZM55C9V1
8.5
9.6
5
10
50
1
0.1
6.8
+0.068
43
BZM55C10
9.4
10.6
5
15
70
1
0.1
7.5
+0.075
40
BZM55C11
10.4
11.6
5
20
70
1
0.1
8.2
+0.076
36
BZM55C12
11.4
12.7
5
20
90
1
0.1
9.1
+0.077
32
BZM55C13
12.4
14.1
5
26
110
1
0.1
10
+0.079
29
BZM55C15
13.8
15.6
5
30
110
1
0.1
1 1
+0.082
27
BZM55C16
15.3
17.1
5
40
170
1
0.1
12
+0.083
24
BZM55C18
16.8
19.1
5
50
170
1
0.1
13
+0.085
21
BZM55C20
18.8
21.2
5
55
220
1
0.1
15
+0.086
20
BZM55C22
20.8
23.3
5
55
220
1
0.1
16
+0.087
18
BZM55C24
22.8
25.6
5
80
220
1
0.1
18
+0.088
16
BZM55C27
25.1
28.9
5
80
220
1
0.1
20
+0.090
14
BZM55C30
28
32
5
80
220
1
0.1
22
+0.091
13
BZM55C33
31
35
5
80
220
1
0.1
24
+0.092
12
BZM55C36
34
38
5
80
220
1
0.1
27
+0.093
11
BZM55C39
37
41
2.5
90
500
1
0.1
30
+0.094
10
Breakdown characteristics
BZM55-SERIES
mA
50
40
30
20
10
0
IZ
VZ
R
DC COMPONENTS CO., LTD.
Test Current
IZ 5mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(oC)
Ambient Temperature.
TYPE
5V
10V
15V
20V
25V
30V
50
100
150
200
250
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT
ZZT@IZK
Ohms
Ohms
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
IZK
mA
Typical
Temperature
Coefficient
% / oC
Max.
Zener
Current
IZM@TA
mA
RATING AND CHARACTERISTIC CURVES (BZM55C SERIES)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com