Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5221B Datasheet(PDF) 2 Page - Dc Components

Part # MMSZ5221B
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MMSZ5221B Datasheet(HTML) 2 Page - Dc Components

  MMSZ5221B Datasheet HTML 1Page - Dc Components MMSZ5221B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMSZ5221B
2.4
20
30
1200
0.25
100
1.0
-0.070
188
C1
MMSZ5222B
2.5
20
30
1250
0.25
100
1.0
-0.065
180
C2
MMSZ5223B
2.7
20
30
1300
0.25
75
1.0
-0.060
167
C3
MMSZ5225B
3.0
20
30
1600
0.25
50
1.0
-0.055
150
C5
MMSZ5226B
3.3
20
28
1600
0.25
25
1.0
0.030
136
D1
MMSZ5227B
3.6
20
24
1700
0.25
15
1.0
0.030
126
D2
MMSZ5228B
3.9
20
23
1900
0.25
10
1.0
+0.038
115
D3
MMSZ5229B
4.3
20
22
2000
0.25
5
1.0
+0.038
106
D4
MMSZ5230B
4.7
20
19
1900
0.25
5
2.0
+0.045
97
D5
MMSZ5231B
5.1
20
17
1600
0.25
5
2.0
+0.050
89
E1
MMSZ5232B
5.6
20
11
1600
0.25
5
3.0
+0.058
81
E2
MMSZ5233B
6.0
20
9
1600
0.25
5
3.5
+0.060
76
E3
MMSZ5234B
6.2
20
7
1000
0.25
5
4.0
+0.062
73
E4
MMSZ5235B
6.8
20
5
750
0.25
3
5.0
+0.065
67
E5
MMSZ5236B
7.5
20
6
500
0.25
3
6.0
+0.068
61
F1
MMSZ5237B
8.2
20
8
500
0.25
3
6.0
+0.075
55
F2
MMSZ5238B
8.7
20
9
600
0.25
3
6.5
+0.075
52
F3
MMSZ5239B
9.1
20
10
600
0.25
3
6.5
+0.076
50
F4
MMSZ5240B
10
20
17
600
0.25
3
8.0
+0.077
45
F5
MMSZ5241B
11
20
22
600
0.25
3
8.4
+0.079
41
H1
MMSZ5242B
12
20
30
600
0.25
2
9.1
+0.082
38
H2
MMSZ5243B
13
9.5
13
600
0.25
1
9.9
+0.082
35
H3
MMSZ5244B
14
9.0
14
600
0.25
0.5
10
+0.082
32
H4
MMSZ5245B
15
8.5
16
600
0.25
0.1
11
+0.083
30
H5
MMSZ5246B
16
7.8
17
600
0.25
0.1
12
+0.084
28
J1
MMSZ5247B
17
7.4
19
600
0.25
0.1
13
+0.084
27
J2
MMSZ5248B
18
7.0
21
600
0.25
0.1
14
+0.085
25
J3
MMSZ5249B
19
6.6
23
600
0.25
0.1
14
+0.085
24
J4
MMSZ5250B
20
6.2
25
600
0.25
0.1
15
+0.086
23
J5
MMSZ5251B
22
5.6
29
600
0.25
0.1
17
+0.086
21
K1
MMSZ5252B
24
5.2
33
600
0.25
0.1
18
+0.087
19.1
K2
MMSZ5253B
25
5.0
36
600
0.25
0.1
19
+0.087
18.2
K3
MMSZ5254B
27
4.6
41
600
0.25
0.1
21
+0.087
16.8
K4
MMSZ5255B
28
4.5
44
600
0.25
0.1
21
+0.089
16.2
K5
MMSZ5256B
30
4.2
49
600
0.25
0.1
23
+0.090
15.1
M1
MMSZ5257B
33
3.8
58
700
0.25
0.1
25
+0.091
13.8
M2
MMSZ5258B
36
3.4
70
700
0.25
0.1
27
+0.091
12.6
M3
MMSZ5259B
39
3.2
80
800
0.25
0.1
30
+0.092
11.6
M4
R
DC COMPONENTS CO., LTD.
Breakdown characteristics
MMSZ52 SERIES
mA
50
40
30
20
10
0
5V
10V
15V
20V
25V
30V
IZ
VZ
Test Current
IZ 20mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(oC)
0
50
100
150
200
300
Ambient Temperature.
TYPE
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Ohms
Ohms
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
IZK
mA
Typical
Temperature
Coefficient
% / oC
Max.
Zener
Current
IZM@TA
mA
Marking
Code
RATING AND CHARACTERISTIC CURVES (MMSZ5221B THRU MMSZ5259B)
NOTE: Standard Zener Voltage Tolerance ± 5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com