Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 1 Page - Dc Components

Part # SD103C
Description  TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SD103C Datasheet(HTML) 1 Page - Dc Components

  SD103C Datasheet HTML 1Page - Dc Components SD103C Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DO-35
Dimensions in inches and (millimeters)
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
VOLTAGE RANGE - 20 to 40 Volts
CURRENT - 0.35 Ampere
FEATURES
MECHANICAL DATA
* For general purpose applications
* Low turn-on voltage
* Fast switching time
* Protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharge(ESD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.35
2.0
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current
µAmps
Maximum Instantaneous Forward Voltage
5.0 @ VR=30V
300
50
30
21
30
0.6
Volts
0 C/ W
0 C
SD103A
SD103B
VF
IR
0.37
Note: 1. Leads maintained at specified ambient temperature at a distance of 4.0mm from case.
2. Measured at 1 MHz and applied reverse voltage of 0 volts.
SD103C
SD103A
THRU
SD103C
.020
(0.5)
.079
(2.0)
1.0(25.4)
MIN.
.165(4.2)
MAX.
1.0(25.4)
MIN.
TYP.
MAX.
* Case: Glass sealed case
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.13 gram
40
28
40
20
14
20
5.0 @ VR=20V
5.0 @ VR=10V
@ IF=0.2A
@ IF=0.02A


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL60P DCCOM-DL60P Datasheet
43Kb / 1P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAT42 DCCOM-BAT42 Datasheet
192Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
1N60P DCCOM-1N60P Datasheet
62Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
BAS85 DCCOM-BAS85 Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT85 DCCOM-BAT85 Datasheet
194Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT54 DCCOM-BAT54 Datasheet
254Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT54W DCCOM-BAT54W Datasheet
251Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
LL103A DCCOM-LL103A Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com