Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS Datasheet(PDF) 1 Page - Dc Components

Part # SD103CWS
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SD103CWS Datasheet(HTML) 1 Page - Dc Components

  SD103CWS Datasheet HTML 1Page - Dc Components SD103CWS Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
VOLTAGE RANGE - 20 to 40 Volts
CURRENT - 0.35 Ampere
FEATURES
MECHANICAL DATA
* For general purpose applications
* Low turn-on voltage
* Fast switching time
* Protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharge(ESD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.35
2.0
Amps
Storage Operating Temperature Range
R
θJA
IO
-55 to + 125
pF
Maximum DC Reverse Current
µAmps
Maximum Instantaneous Forward Voltage
5.0 @ VR=30V
300
50
30
21
30
0.6
Volts
0 C/ W
0 C
SD103AWS
SD103BWS
VF
IR
0.37
Note: 1. Terminals maintained at specified at ambient temperature.
2. Measured at 1 MHz and applied reverse voltage of 0 volts.
SD103CWS
SD103AWS
THRU
SD103CWS
40
28
40
20
14
20
5.0 @ VR=20V
5.0 @ VR=10V
@ IF=0.2A
@ IF=0.02A
SOD-323
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per
MIL-STD-202E, Method 208 guaranteed
* Mounting position: Any
* Weight: 0.008 grams Approx.
.047(1.2)
.031(0.8)
.054(1.4)
.043(1.1)
.014(0.4)
.008(0.2)
.004
(0.10)
MAX.
.071(1.8)
.063(1.6)
.110(2.8)
.090(2.3)
.007(0.18)
.003(0.08)


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103CWS GE-SD103CWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103CWS WEITRON-SD103CWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Dc Components
SK12 DCCOM-SK12 Datasheet
489Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK32 DCCOM-SK32 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM120M DCCOM-SM120M Datasheet
348Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SM5817 DCCOM-SM5817 Datasheet
399Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAT42W DCCOM-BAT42W Datasheet
66Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AW DCCOM-SD103AW Datasheet
246Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD520S DCCOM-SD520S Datasheet
270Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE
LL103A DCCOM-LL103A Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com