Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112 Datasheet(PDF) 1 Page - Dc Components

Part # TIP112
Description  TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

TIP112 Datasheet(HTML) 1 Page - Dc Components

  TIP112 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIP112
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
Description
Designed for use in general purpose amplifier and
low-speed switching applications.
Pinning
1 = Base
2 = Collector
3 = Emitter
TO-220AB
Dimensions in inches and (millimeters)
.625(15.87)
.570(14.48)
.562(14.27)
.500(12.70)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.295(7.49)
.220(5.58)
.350(8.90)
.330(8.38)
.640
(16.25)
Typ
.055(1.40)
.045(1.14)
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.024(0.60)
.014(0.35)
Φ.151
Φ(3.83)
Typ
1 2 3
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
100
-
-
V
IC=1mA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
100
-
-
V
IC=30mA, IB=0
Collector Cutoff Current
ICBO
-
-
1
mA
VCB=100V, IE=0
ICEO
-
-
2
mA
VCE=50V, IB=0
Emitter Cutoff Current
IEBO
-
-
2
mA
VEB=5V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
2.5
V
IC=2A, IB=8mA
Base-Emitter On Voltage(1)
VBE(on)
-
-
2.8
V
IC=2A, VCE=4V
DC Current Gain(1)
hFE1
1K
-
-
-
IC=1A, VCE=4V
hFE2
500
-
-
-
IC=2A, VCE=4V
Output Capacitance
Cob
-
-
200
pF
VCE=10V, f=0.1MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (continuous)
IC
4
A
Collector Current (peak)
IC
6
A
Total Power Dissipation(TC=25oC)
PD
50
W
Total Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)


Similar Part No. - TIP112

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP112 MOSPEC-TIP112 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP112 MOTOROLA-TIP112 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP112 ONSEMI-TIP112 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP112 POINN-TIP112 Datasheet
101Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP112 STMICROELECTRONICS-TIP112 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP112

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBTA13 DCCOM-DMBTA13 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DMBTA14 DCCOM-DMBTA14 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DXTA13 DCCOM-DXTA13 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID112 DCCOM-MID112 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID122 DCCOM-MID122 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD112 DCCOM-MJD112 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD122 DCCOM-MJD122 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA13 DCCOM-MPSA13 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA14 DCCOM-MPSA14 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP122 DCCOM-TIP122 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com