Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP125 Datasheet(PDF) 1 Page - Dc Components

Part # TIP125
Description  TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

TIP125 Datasheet(HTML) 1 Page - Dc Components

  TIP125 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIP125
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
Description
Designed for use in general purpose amplifier
and low speed switching applications.
Pinning
1 = Base
2 = Collector
3 = Emitter
TO-220AB
Dimensions in inches and (millimeters)
.625(15.87)
.570(14.48)
.562(14.27)
.500(12.70)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.295(7.49)
.220(5.58)
.350(8.90)
.330(8.38)
.640
(16.25)
Typ
.055(1.40)
.045(1.14)
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.024(0.60)
.014(0.35)
Φ.151
Φ(3.83)
Typ
1 2 3
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-5
A
Total Power Dissipation
PD
2
W
Total Power Dissipation(TC=25oC)
PD
65
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
-60
-
-
V
IC=-1mA
Collector-Emitter Breakdown Voltage
BVCEO
-60
-
-
V
IC=-100mA
Collector Cutoff Current
ICBO
-
-
-0.2
mA
VCB=-60V
ICEO
-
-
-0.5
mA
VCE=-30V
Emitter Cutoff Current
IEBO
-
-
-2
mA
VEB=-5V
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
-
-2
V
IC=-3A, IB=-12mA
VCE(sat)2
-
-
-4
V
IC=-5A, IB=-20mA
Base-Emitter On Voltage(1)
VBE(on)
-
-
-2.5
V
IC=-3A, VCE=-3V
DC Current Gain(1)
hFE1
1K
-
-
-
IC=-500mA, VCE=-3V
hFE2
1K
-
-
-
IC=-3A, VCE=-3V
Output Capacitance
Cob
-
-
300
pF
VCB=-10V, f=0.1MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Similar Part No. - TIP125

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP125 MOSPEC-TIP125 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP125 MOTOROLA-TIP125 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP125 POINN-TIP125 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP125 STMICROELECTRONICS-TIP125 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP125 FAIRCHILD-TIP125 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP125

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBTA13 DCCOM-DMBTA13 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DMBTA64 DCCOM-DMBTA64 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
MID112 DCCOM-MID112 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID117 DCCOM-MID117 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
MID122 DCCOM-MID122 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD112 DCCOM-MJD112 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA14 DCCOM-MPSA14 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP112 DCCOM-TIP112 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP117 DCCOM-TIP117 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
TIP122 DCCOM-TIP122 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com