Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS458S8 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS458S8
Description  Radial High Current, High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS458S8 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS458S8 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS458S8 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD
RECOVERY
ULTRAFAST
RECOVERY
CS 458
CS 458
ELECTRICAL RATINGS, T= 25C
S8
S10
S12
S15
U8
U10
U12
U15
UNITS
Repetitive Peak Reverse Voltage
VRRM
8
10
12
15
8
10
12
15
kV
Avg. Forward Current in Air, Ta = 25ºC
Io
650
550
475
425
425
375
325
275
mA
Avg. Forward Current in OIl, Toil = 60ºC
Io
1200
1000
870
780
750
660
570
480
mA
Peak Surge Current,
Single ½ Cycle @ 60 Hz
IFSM
50
30
A
Peak Reverse Avalanche Energy,
Non-Repetitive, t = 20 µS
ERSM
160
200
240
300
80
100
120
150
mJ
Storage and Operating Temperatures
Tstg,Tj
- 55 to 150
- 55 to 150
ºC
ELECTRICAL CHARACTERISTICS, T = 25ºC
Maximum Instantaneous Forward
Voltage, IF = 1.0 A
VF
8
10
12
15
20
25
30
37.5
V
Maximum Reverse Current
at Rated VRRM
IR
1.0
1.0
µA
Maximum Reverse Recovery Time,
IF = 0.5 A, IR = 1 A, 75% Recovery
trr
2.5
0.075
µS
Rev 2, 4/02
CS458 Series
Radial High Current, High Voltage Diodes
FEATURES
• Ratings to 15 kV
• Glass Passivated
• Controlled Avalanche Junctions
• High Surge Capability
• Designed for High Temperature Usage
• Small Footprint for Efficient PCB Layout
• Large Surface Area for Better Cooling
During High Current Operation
Maximum Ratings & Characteristics


Similar Part No. - CS458S8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-08IO1 IXYS-CS45-08IO1 Datasheet
412Kb / 5P
Single Thyristor
logo
Inchange Semiconductor ...
CS45-08IO1 ISC-CS45-08IO1 Datasheet
286Kb / 3P
Isc Thyristors
logo
IXYS Corporation
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
61Kb / 3P
Phase Control Thyristor
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
412Kb / 5P
Thyristor Single Thyristor
More results

Similar Description - CS458S8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-380C-TH BOURNS-PTVS3-380C-TH Datasheet
340Kb / 3P
High Voltage, High Current TVS Diodes
PTVS10-380C-TH BOURNS-PTVS10-380C-TH Datasheet
351Kb / 3P
High Voltage, High Current TVS Diodes
PTVS6-380C-TH BOURNS-PTVS6-380C-TH Datasheet
342Kb / 3P
High Voltage, High Current TVS Diodes
logo
GETAI ELECTRONICS DEVIC...
HVRM3 GETEDZ-HVRM3_17 Datasheet
520Kb / 2P
3.0A 3.0kV -High Voltage High Current Diodes
BR10F GETEDZ-BR10F_1 Datasheet
516Kb / 2P
High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF_17 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
logo
Bourns Electronic Solut...
PTVS1-380C-TH BOURNS-PTVS1-380C-TH Datasheet
984Kb / 4P
High Voltage, High Current TVS Diodes
PTVS10-XXXC-TH BOURNS-PTVS10-XXXC-TH_V01 Datasheet
706Kb / 4P
High Voltage, High Current TVS Diodes
REV. 11/15
PTVS3-XXXC-TH BOURNS-PTVS3-XXXC-TH_V01 Datasheet
697Kb / 4P
High Voltage, High Current TVS Diodes
REV. 04/17
PTVS6-XXXC-TH BOURNS-PTVS6-XXXC-TH_V01 Datasheet
722Kb / 4P
High Voltage, High Current TVS Diodes
REV. 09/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com