Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS458S10 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # CS458S10
Description  Radial High Current, High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS458S10 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS458S10 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS458S10 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
trr Definition
Time
2542 Highlander Way
Carrollton, TX 75006
CS458 Series
Radial High Current, High Voltage Diodes
trr
IRP
25% IRP
Max Surge Current
0
20
40
60
80
100
120
01
23
4
5
6
No. of 60 Hz Half-Sine Surges



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com