Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4792A1 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS4792A1
Description  150 KV RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS4792A1 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS4792A1 Datasheet HTML 1Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CS4792A1
150 KV RECTIFIER
Maximum Ratings at Toil = 25
°°°°C Unless Otherwise Noted
Symbol
CS4792A1
Units
Number of Diodes per Board
14
Peak Reverse Voltage - Operating
VR (Oper)
150
KV
Peak Reverse Voltage - Test
VR (Test)
188
KV
Maximum Reverse Current @ VR (Oper), 25
°C
Irm
1
µA
DC Forward Current @ Toil = 60
°C
Io
300
mA
Maximum Forward Voltage @ IF = 50 mA
Vfm
168
Volts
Peak Surge Current, 1/2 cycle @ 60 Hz
Ifsm
20
Amps
Peak Surge Current, 10 cycles @ 60 Hz
Ifsm
6
Amps
Avalanche Energy, 100
µSec Pulse
Ersm
4.2
Joules
Operating Temperature Range
Toil
-40 to +90
°C
Storage Temperature Range
Tstg
-40 to +120
°C
Dimensions in Inches
± 0.050
Rev 2, 7/98
2542 Highlander Way ● Carrollton, TX 75006
Ph (972) 248-7691 ● Fax (972) 381-9998


Similar Part No. - CS4792A1

ManufacturerPart #DatasheetDescription
logo
Clarke International
CS4700 CLARKE-CS4700 Datasheet
2Mb / 8P
INDUSTRIAL SHELVING
GC0219 - rev 4
CS4700BO CLARKE-CS4700BO Datasheet
2Mb / 8P
INDUSTRIAL SHELVING
GC0219 - rev 4
logo
Cirrus Logic
CS47014-CVZR CIRRUS-CS47014-CVZR Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS47024 CIRRUS-CS47024 Datasheet
1Mb / 32P
CS470xx Data Sheet
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
Audio SOC Processor Family
More results

Similar Description - CS4792A1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
155CMQ015 IRF-155CMQ015 Datasheet
99Kb / 6P
SCHOTTKY RECTIFIER 150 Amp
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301 Datasheet
115Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
VSKDS303 VISHAY-VSKDS303 Datasheet
156Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
logo
High Voltage Power Solu...
CS471U10 HVPSI-CS471U10 Datasheet
94Kb / 1P
10 - 15 KV, 75nS RECTIFIER
CS4468A3 HVPSI-CS4468A3 Datasheet
37Kb / 1P
180 KV RECTIFIER
CS4920C1 HVPSI-CS4920C1 Datasheet
106Kb / 1P
200 KV RECTIFIER
logo
Hamamatsu Corporation
L12161-07 HAMAMATSU-L12161-07_15 Datasheet
672Kb / 4P
150 kV MICROFOCUS X-RAY SOURCE
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301_V01 Datasheet
132Kb / 7P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com