Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS400F10 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS400F10
Description  Single-Phase, High Voltage Bridge Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS400F10 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS400F10 Datasheet HTML 1Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STANDARD RECOVERY
CS400S__
FAST RECOVERY
CS400F__
ELECTRICAL RATINGS, T= 25ºC
SYM.
S2
S4
S6
S8
S10
F2
F4
F6
F8
F10
Repetitive Peak Reverse Voltage,
and Continuous Reverse Voltage
VRRM,
VR
2
4
6
8
10
2
4
6
8
10
kV
Average Forward Current
Io
1500 650 650
500
500
650
450
330
300
250
mA
Peak Surge Current,Non-
Repetitive, 1/2 cycle,60 Hz
IFSM
20
15
A
Storage and Operating
Temperatures
TSTG,
TJ
- 55 to 150
- 55 to 150
ºC
ELECTRICAL CHARACTERISTICS, T = 25C
Maximum Instantaneous Forward
Voltage, If = 0.100 Amp
VFM
3.0
9.0
9.0
15.0 15.0
7.0
10.0 16.0 16.0 20.0
V
Maximum Reverse Current
at Rated VR
IRM
1.0
1.0
µA
Maximum Reverse Recovery
Time
IF = 1 A, di/dt = -20A/Sec, 75% Recovery
trr
2.5 Typ.
0.300
µS
Rev 1, 10/02
trr Definition
Time
CS400 Series
Single-Phase, High Voltage Bridge Rectifiers
FEATURES
• Ratings to 10 kV
• Controlled Avalanche Junctions
• High Surge Capability
• Case Material Rated UL94V-1
• Epoxy Rated UL94V-0
Maximum Ratings & Characteristics
trr
IRP
25% IRP


Similar Part No. - CS400F10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS400026 ETC-CS400026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400060 ETC-CS400060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400075 ETC-CS400075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400090 ETC-CS400090 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS400125 ETC-CS400125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS400F10

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
GBPC15005 SIRECTIFIER-GBPC15005 Datasheet
70Kb / 2P
Single Phase Bridge Rectifiers
GBJ10005 SIRECTIFIER-GBJ10005 Datasheet
113Kb / 2P
Single Phase Bridge Rectifiers
GBJ8005 SIRECTIFIER-GBJ8005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
Single Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBU4A SEMTECH_ELEC-KBU4A Datasheet
191Kb / 1P
SINGLE - PHASE BRIDGE RECTIFIERS
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
logo
KEC(Korea Electronics)
MB6M KEC-MB6M Datasheet
52Kb / 2P
Single-Phase Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
2W005M-2A-WOM YFWDIODE-2W005M-2A-WOM Datasheet
295Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005_16 Datasheet
88Kb / 2P
Single Phase Bridge Rectifiers
S1PDB25005 SIRECTIFIER-S1PDB25005 Datasheet
137Kb / 2P
Single Phase Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com