Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2050GP Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPX2050GP
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2050GP Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPX2050GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2050GP Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MPX2050
Sensors
2
Freescale Semiconductor
Pressure
Figure 1 shows a block diagram of the internal circuitry on the stand-alone pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
Voltage Output versus Applied Differential Pressure
The differential voltage output of the sensor is directly
proportional to the differential pressure applied.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
side (P1) relative to the vacuum side (P2). Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum side (P2) relative to the pressure side (P1).
VS
3
Sensing
Element
Thin Film
Temperature
Compensation
and Calibration
Circuitry
2
4
+VOUT
-VOUT
1
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com