Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053GS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXM2053GS
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2053GS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXM2053GS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXM2053GS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPX2053
Rev 7, 10/2008
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005-2008. All rights reserved.
Pressure
50 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPX2053 series devices are silicon piezoresistive pressure sensors
that provide a highly accurate and linear voltage output directly proportional to the
applied pressure. A single, monolithic silicon diaphragm with the strain gauge and
an integrated thin-film resistor network. Precise span and offset calibration with
temperature compensation are achieved by laser trimming.
Features
Temperature Compensated Over 0
°C to +85°C
Easy-to-Use Chip Carrier Package Options
Ratiometric to Supply Voltage
Gauge Ported and Non Ported Options
Available in Easy-to-Use Tape & Reel
Differential and Gauge Pressure Options
ORDERING INFORMATION
Device Name
Case No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV2053G Series)
MPXV2053GP
1369
MPXV2053GP
MPXV2053DP
1351
MPXV2053DP
MPXV2053GVP
1368
MPXV2053GV
Unibody Package (MPX2053 Series)
MPX2053D
344
MPX2053D
MPX2053DP
344C
MPX2053DP
MPX2053GP
344B
MPX2053GP
MPAK Package (MPXM2053 Series)
MPXM2053D
1320
MPXM2053D
MPXM2053DT1
1320
MPXM2053D
MPXM2053GS
1320A
MPXM2053GS
MPXM2053GST1
1320A
MPXM2053GS
MPX2053
Series
0 to 50 kPa (0 to 7.25 psi)
40 mV Full Scale
(Typical)
Application Examples
Pump/Motor Control
Robotics
Level Detectors
Medical Diagnostics
Pressure Switching
Blood Pressure Measurement


Similar Part No. - MPXM2053GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2053GS MOTOROLA-MPXM2053GS Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
226Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053GS FREESCALE-MPXM2053GS Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM2053GS NXP-MPXM2053GS Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results

Similar Description - MPXM2053GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053 FREESCALE-MPXM2053_06 Datasheet
226Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
MPX2053 NXP-MPX2053 Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com