Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A41CS3VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A41CS3VDC
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A41CS3VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  A41CS3VDC Datasheet HTML 1Page - CIT Relay & Switch A41CS3VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A4
16.9 x 14.5 (29.7) x 19.5 mm
RoHS Compliant
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
3
3.9
9
2.10
.3
1.00
15
5
5
6.5
25
3.50
.5
6
7.8
36
4.20
.6
9
11.7
85
6.30
.9
12
15.6
145
8.40
1.2
18
23.4
342
12.60
1.8
24
31.2
576
16.80
2.4
•
Low coil power consumption
•
Switching current up to 20A with small size and light weight
•
Suitable for household appliances, automotive applications
•
Dual relay available
General Data
Contact Data
Coil Data
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
Contact
1A & 1U = SPST N.O.
Arrangement
1C & 1W = SPDT
2A & 2U = (2) SPST N.O.
2C & 2W = (2) SPDT
Contact Rating 1A & 1C = 10A @ 120VAC, 28VDC & 20A @ 14VDC
2A & 2C = 10A @ 120VAC, 28VDC & 20A @ 14VDC
1U & 1W = 2x10A @ 120VAC, 28VDC
1U & 1W = 2x20A @ 14VDC
2U & 2W = 2x10A @ 120VAC, 28VDC
2U & 2W = 2x20A @ 14VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Max Switching Power
1A & 1C : 280W
1U & 1W : 2x280W
Max Switching Voltage
380VAC, 75VDC
Max Switching Current
20A
Features
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level
Contact to Contact
750V rms min. @ sea level
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.27mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
12g & 24g


Similar Part No. - A41CS3VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41CS12VDC CIT-A41CS12VDC Datasheet
135Kb / 2P
Low coil power consumption
A41CS24VDC CIT-A41CS24VDC Datasheet
135Kb / 2P
Low coil power consumption
More results

Similar Description - A41CS3VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
J1051A3VDC CIT-J1051A3VDC Datasheet
136Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com