Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2C5 Datasheet(PDF) 3 Page - Altera Corporation

Part # EP2C5
Description  Cyclone Series Device Thermal Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 Datasheet(HTML) 3 Page - Altera Corporation

  EP2C5 Datasheet HTML 1Page - Altera Corporation EP2C5 Datasheet HTML 2Page - Altera Corporation EP2C5 Datasheet HTML 3Page - Altera Corporation EP2C5 Datasheet HTML 4Page - Altera Corporation EP2C5 Datasheet HTML 5Page - Altera Corporation EP2C5 Datasheet HTML 6Page - Altera Corporation EP2C5 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Altera Corporation
DS-CYTHRML-3.0
3
Altera Device Package Information Data Sheet
Table 3 provides board dimension information for each package.
EP3C16
E144
20
17.5
15.4
14
8
Q240
27.2
24.7
22.1
17.8
4.3
F256
28.5
25.1
23.2
21.7
9.1
U256
28.8
25.4
23.5
22
9.7
U484
26.9
23.5
21.6
20.1
8.5
F484
22.9
19.4
17.7
16.2
6.9
M164
34.7
28
26.1
24.4
9.2
EP3C25
E144
20
17.5
15.4
14
7.8
Q240
27
24.5
21.8
17.6
4.2
F256
27.5
24.1
22.2
20.7
8.5
U256
27.9
24.5
22.6
21.1
9.1
F324
26.6
23.1
21.3
19.8
8
EP3C40
Q240
25.8
23.2
20.6
17
4
F324
23.2
19.7
18
16.5
5.9
U484
22.8
19.3
17.6
16.1
5.9
F484
19.8
16.3
14.6
13.2
4.8
F780
18.7
15.2
13.5
12.2
4.5
EP3C55
F484
21.6
18.2
16.4
15
5.1
U484
18.9
15.4
13.8
12.2
4.2
F780
17.8
14.4
12.7
11.4
3.9
EP3C80
U484
20.4
16.9
15.2
13.8
4.4
F484
18
14.5
12.9
11.5
3.6
F780
16.9
13.5
11.8
10.5
3.3
EP3C120
F484
17.1
13.7
12
10.7
3.1
F780
16
12.6
11
9.7
2.8
Table 2. Thermal Resistance of Cyclone III Devices for Board Meeting JEDEC Specifications (Part 2 of 2)
Device
Package
θJA (°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJC (°C/W)
Table 3. PCB Dimensions Notes (1), (2)
(Part 1 of 2)
2.5 mm Thick Signal Layers
Power/Ground
Layers
Package
Dimensions
(mm)
Board
Dimensions
(mm)
F780
9
9
29
89
F484
7
7
23
83



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com