Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2C8 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP2C8
Description  Cyclone Series Device Thermal Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 4 Page - Altera Corporation

  EP2C8 Datasheet HTML 1Page - Altera Corporation EP2C8 Datasheet HTML 2Page - Altera Corporation EP2C8 Datasheet HTML 3Page - Altera Corporation EP2C8 Datasheet HTML 4Page - Altera Corporation EP2C8 Datasheet HTML 5Page - Altera Corporation EP2C8 Datasheet HTML 6Page - Altera Corporation EP2C8 Datasheet HTML 7Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
DS-CYTHRML-3.0
Altera Corporation
Altera Device Package Information Data Sheet
Table 4 provides
θJA values and θJB (junction-to-board thermal resistance)
values for Cyclone III devices on a typical board.
U484
7
7
19
79
F324
6
6
19
79
F256
6
6
17
77
U256
6
6
14
74
Notes to Table 3:
(1)
Power layer Cu thickness 35 um, Cu 90%
(2)
Signal layer Cu thickness 17 um, Cu 15%
Table 3. PCB Dimensions Notes (1), (2)
(Part 2 of 2)
2.5 mm Thick Signal Layers
Power/Ground
Layers
Package
Dimensions
(mm)
Board
Dimensions
(mm)
Table 4. Thermal Resistance of Cyclone III Devices for Typical Board (Part 1 of 2)
Device
Package
θJA (°C/W)
Still Air
θJA (°C/W)
100 ft./min.
θJA (°C/W)
200 ft./min.
θJA (°C/W)
400 ft./min.
θJB (°C/W)
EP3C5
F256
32.2
27.9
25.5
23.6
17.3
U256
32.7
28.2
25.7
23.7
16.3
EP3C10
F256
32.2
27.9
25.5
23.6
17.3
U256
32.7
28.2
25.7
23.7
16.3
EP3C16
F256
28.4
24.2
21.8
20
13.5
U256
29
24.6
22.2
20.2
12.7
U484
26.3
22.1
19.9
18.1
12.4
F484
22.5
18.5
16.4
14.8
9.8
EP3C25
F256
27.5
23.2
20.9
19.1
12.6
U256
28.1
23.7
21.3
19.4
11.8
F324
26.4
22.3
20.1
18.3
12.4
EP3C40
F324
23.1
19
16.9
15.1
9.2
F484
22.3
18.2
16
14.3
8.5
U484
19.4
15.4
13.5
11.9
6.8
F780
17.6
13.9
12.1
10.7
6.7
EP3C55
U484
21.2
17.1
15
13.3
7.5
F484
18.6
14.6
12.6
11.1
6
F780
16.8
13.1
11.3
9.9
5.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com