Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC4 Datasheet(PDF) 20 Page - Altera Corporation

Part # EPC4
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 20 Page - Altera Corporation

Back Button EPC4 Datasheet HTML 16Page - Altera Corporation EPC4 Datasheet HTML 17Page - Altera Corporation EPC4 Datasheet HTML 18Page - Altera Corporation EPC4 Datasheet HTML 19Page - Altera Corporation EPC4 Datasheet HTML 20Page - Altera Corporation EPC4 Datasheet HTML 21Page - Altera Corporation EPC4 Datasheet HTML 22Page - Altera Corporation EPC4 Datasheet HTML 23Page - Altera Corporation EPC4 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
EPC1 and EPC1441 devices can replace the EPC1213, EPC1064, and
EPC1064V configuration devices. The EPC1 or EPC1441 device
automatically emulates the EPC1213, EPC1064, or EPC1064V when it is
programmed with the appropriate POF. When the EPC1 or EPC1441
device is programmed with an EPC1213, EPC1064, or EPC1064V POF, the
FLEX 8000 device drives the EPC1 or EPC1441 device’s OE pin high and
clocks the EPC1 or EPC1441 device. One EPC1 device can store more
configuration data than the EPC1064, EPC1064V, EPC1213, or EPC1441
device. Therefore, designers can use one type of configuration device for
all FLEX devices. In addition, a single EPC1 or EPC1441 device can
configure any FLEX 8000 device.
For multi-device configuration of FLEX 8000 devices, the nCASC and nCS
pins provide handshaking between multiple configuration devices,
allowing several cascaded EPC1 or EPC1213 devices to serially configure
multiple FLEX 8000 devices. The EPC1441, EPC1064, and EPC1064V do
not support data cascading. Figure 8 shows a FLEX 8000 device
configured with a single EPC1, EPC1441, EPC1213, EPC1064, or
EPC1064V configuration device.
Figure 8. FLEX 8000 Device Configured with an EPC1, EPC1441, EPC1213,
EPC1064, or EPC1064V Configuration Device
Notes to
Figure 8:
(1)
The pull-up resistor should be connected to the same supply voltage as the
configuration device.
(2)
All pull-up resistors are 1 k
Ω.
Figure 9 shows three FLEX 8000 devices configured with two EPC1 or
EPC1213 configuration devices.
FLEX 8000 Device
"0"
"0"
"0"
Configuration
Device
VCC
nCS
OE
DCLK
nS/P
MSEL1
MSEL0
DATA0
nCONFIG
CONF_DONE
nSTATUS
DCLK
DATA
VCC
(2)
VCC
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com