Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E14-3.5-5-R Datasheet(PDF) 3 Page - FERYSTER Inductive Components Manufacturer

Part # E14-3.5-5-R
Description  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

E14-3.5-5-R Datasheet(HTML) 3 Page - FERYSTER Inductive Components Manufacturer

  E14-3.5-5-R Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer E14-3.5-5-R Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Sep 01
3
Ferroxcube
Planar E cores and accessories
E14/3.5/5/R
Core halves for use in combination with a slotted plate (PLT/S)
AL measured in combination with a slotted plate (PLT/S) clamping force for AL measurements 10 ±5N;
measurement coil as for E14/3.5/5.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C90
63
±3%
≈ 58
≈ 600
E14/3.5/5/R-3C90-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5/R-3C90-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5/R-3C90-A160-P
1500
±25%
≈ 1380
≈ 0
E14/3.5/5/R-3C90
3C92
1130
±25%
≈ 1040
≈ 0
E14/3.5/5/R-3C92
3C93
1300
±25%
≈ 1200
≈ 0
E14/3.5/5/R-3C93
3C94
63
±3%
≈ 58
≈ 600
E14/3.5/5/R-3C94-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5/R-3C94-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5/R-3C94-A160-P
1500
±25%
≈ 1380
≈ 0
E14/3.5/5/R-3C94
3C96
1350
±25%
≈ 1240
≈ 0
E14/3.5/5/R-3C96
3F3
63
±3%
≈ 58
≈ 600
E14/3.5/5/R-3F3-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5/R-3F3-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5/R-3F3-A160-P
1300
±25%
≈ 1200
≈ 0
E14/3.5/5/R-3F3
3F35
1050
±25%
≈ 970
≈ 0
E14/3.5/5/R-3F35
3F4
63
±3%
≈ 58
≈ 600
E14/3.5/5/R-3F4-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5/R-3F4-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5/R-3F4-A160-P
780
±25%
≈ 710
≈ 0
E14/3.5/5/R-3F4
3F45
780
±25%
≈ 710
≈ 0
E14/3.5/5/R-3F45
3E6
6400 +40/
−30%
≈ 5900
≈ 0
E14/3.5/5/R-3E6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com