Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1M120 Datasheet(PDF) 21 Page - Altera Corporation

Part # EP1M120
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1M120 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP1M120 Datasheet HTML 17Page - Altera Corporation EP1M120 Datasheet HTML 18Page - Altera Corporation EP1M120 Datasheet HTML 19Page - Altera Corporation EP1M120 Datasheet HTML 20Page - Altera Corporation EP1M120 Datasheet HTML 21Page - Altera Corporation EP1M120 Datasheet HTML 22Page - Altera Corporation EP1M120 Datasheet HTML 23Page - Altera Corporation EP1M120 Datasheet HTML 24Page - Altera Corporation EP1M120 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Altera Corporation
21
Mercury Programmable Logic Device Family Data Sheet
13
The arithmetic mode also offers clock enable, counter enable, synchronous
up/down control, synchronous clear, and synchronous load options. The
counter enable and synchronous up/down control signals are generated
from the data inputs of the LAB local interconnect. The synchronous clear
and synchronous load options are LAB-wide signals that affect all
registers in the LAB. Consequently, if any of the LEs in a LAB use the
counter mode, other LEs in that LAB must be used as part of the same
counter or be used for a combinatorial function. The Quartus II software
automatically places any registers that are not used by the counter into
other LABs.
Figure 9. Arithmetic Mode LE
Carry-Select Look-Ahead Chain
The CSLA chain provides a very fast carry-forward function between LEs
in arithmetic mode or multiplier mode. The CSLA chain uses the
redundant carry calculation to increase the speed of carry functions. The
LE can calculate sum and carry values for a possible carry-in of 1 and
carry-in of 0 in parallel. The carry-in0 and carry-in1 signals from a
lower-order bit drive forward into the higher-order bit via the parallel
carry chain and feed into both the LUT and the next portion of the CSLA
chain. CSLA chains can begin in any LE within a LAB.
LUT
LUT
LUT
LUT
data1
LAB Carry-In
data2
data3
Carry-In0
Carry-In1
Carry-Out0
Carry-Out1
PRN/ALDn
CLRn
DQ
LAB-Wide
Synchronous
Load
LAB-Wide
Synchronous
Clear
LE-Out
LE-Out
ENA
LAB-Wide
Clock Enable
Registered
Output
Combinatorial
Output
Sum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com