Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC210W Datasheet(PDF) 11 Page - Altera Corporation

Part # HC210W
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210W Datasheet(HTML) 11 Page - Altera Corporation

Back Button HC210W Datasheet HTML 7Page - Altera Corporation HC210W Datasheet HTML 8Page - Altera Corporation HC210W Datasheet HTML 9Page - Altera Corporation HC210W Datasheet HTML 10Page - Altera Corporation HC210W Datasheet HTML 11Page - Altera Corporation HC210W Datasheet HTML 12Page - Altera Corporation HC210W Datasheet HTML 13Page - Altera Corporation HC210W Datasheet HTML 14Page - Altera Corporation HC210W Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 228 page
background image
Altera Corporation
2–3
September 2008
Preliminary
Functional Description
savings, which results in low-cost structured ASICs with
high-performance and low-power suitable for a wide variety of
applications.
The SRAM configuration cells of the Stratix II FPGAs are replaced in
HardCopy II devices with metal connections, which define the function
of logic, memory, phase-locked loop (PLL), and I/O elements (IOEs) in
the device. These resources are interconnected using metallization layers.
Once a HardCopy II device is manufactured, the functionality of the
device is fixed.
HardCopy II devices are manufactured using the same 90-nm process
technology and operate using the same core voltage (1.2 V) as Stratix II
FPGAs. Additionally, almost all architectural features in HardCopy II
devices are functionally equivalent to features found in the Stratix II
FPGA architecture. HardCopy II devices feature HCells, memory blocks,
PLLs, and IOEs (Figure 2–1).
Figure 2–1. Example Block Diagram of HC230 Device
Note (1)
Note to Figure 2–1:
(1)
Figure 2–1 shows a graphical representation of the device floor plan. A detailed floor plan is available in the
Quartus II software.
IOE
Fast
PLL
Enhanced
PLL
Fast
PLL
IOE
IOE
IOEs
M-RAM Block
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
Array
of HCells
Array
of HCells
Array
of HCells
Array
of HCells
Array
of HCells
Array
of HCells
M4K RAM Blocks
M4K RAM Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com