Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC210 Datasheet(PDF) 49 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 49 Page - Altera Corporation

Back Button HC210 Datasheet HTML 45Page - Altera Corporation HC210 Datasheet HTML 46Page - Altera Corporation HC210 Datasheet HTML 47Page - Altera Corporation HC210 Datasheet HTML 48Page - Altera Corporation HC210 Datasheet HTML 49Page - Altera Corporation HC210 Datasheet HTML 50Page - Altera Corporation HC210 Datasheet HTML 51Page - Altera Corporation HC210 Datasheet HTML 52Page - Altera Corporation HC210 Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 228 page
background image
Altera Corporation
4–7
September 2008
I/O Standard Specifications
Figure 4–1 and Figure 4–2 show receiver input and transmitter
waveforms, respectively, for all differential I/O LVPECL and
HyperTransport technology.
Figure 4–1. Receiver Input Waveforms for Differential I/O Standards
VOL
Low-level output voltage
IOL = 2 mA (2), (3)
—
0.25 × VCCIO
V
Notes to Table 4–9:
(1)
HardCopy II devices VCCIO voltage-level support of 1.5 ± -5% is narrower than defined in the normal range of the
EIA/JEDEC Standard.
(2)
Drive strength is programmable according to values in Tables 2–10, 2–12, and 2–14.
(3)
Drive strength varies based on pin location. Refer to the Description, Architecture, and Features chapter in the
HardCopy II Device Family Data Sheet section in volume 1 of the HardCopy Series Handbook for more information.
Table 4–9. 1.5-V I/O Specifications (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
Single-Ended Waveform
Differential Waveform (Mathematical Function of Positive & Negative Channel)
Positive Channel (p) = VIH
Negative Channel (n) = VIL
Ground
VID
VID
VID
p
− n = 0 V
VCM
VID (Peak-to-peak)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com