Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC220 Datasheet(PDF) 21 Page - Altera Corporation

Part # HC220
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC220 Datasheet(HTML) 21 Page - Altera Corporation

Back Button HC220 Datasheet HTML 17Page - Altera Corporation HC220 Datasheet HTML 18Page - Altera Corporation HC220 Datasheet HTML 19Page - Altera Corporation HC220 Datasheet HTML 20Page - Altera Corporation HC220 Datasheet HTML 21Page - Altera Corporation HC220 Datasheet HTML 22Page - Altera Corporation HC220 Datasheet HTML 23Page - Altera Corporation HC220 Datasheet HTML 24Page - Altera Corporation HC220 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 228 page
background image
Altera Corporation
2–13
September 2008
Preliminary
PLLs and Clock Networks
PLL functionality in HardCopy II devices remains the same as in Stratix II
FPGA PLLs. Therefore, the HardCopy II PLLs support PLL
reconfiguration (the PLL can be dynamically configured in user mode).
HardCopy II enhanced and fast PLLs support a one-to-one mapping from
Stratix II PLL resources. Table 2–7 shows the features of the different
PLLs. For more information on the Stratix II PLL features, refer to the
Stratix II Device Handbook.
Table 2–7. HardCopy II PLL Features
Feature
Enhanced PLL
Fast PLL
Clock multiplication and division
m/(n × post-scale counter) (1)
m/(n × post-scale counter) (2)
Phase shift
Down to 125-ps increments (3)
Down to 125-ps increments (3)
Clock switchover
vv (4)
PLL reconfiguration
vv
Reconfigurable bandwidth
vv
Spread-spectrum clocking
v
Programmable duty cycle
vv
Number of clock outputs per PLL (5)
64
Number of dedicated external clock outputs
per PLL
Three differential or six singled-
ended
(6)
Number of feedback clock inputs per PLL
1 (7)
Notes to Table 2–7:
(1)
For enhanced PLLs, m and n range from 1 to 512 and post-scale counters range from 1 to 512 with 50% duty cycle.
For non-50% duty-cycle clock outputs, post-scale counters range from 1 to 256.
(2)
For fast PLLs, n can range from 1 to 4. The post-scale and m counters range from 1 to 32. For non-50% duty-cycle
clock outputs, post-scale counters range from 1 to 16.
(3)
The smallest phase shift is determined by the voltage controlled oscillator (VCO) period divided by eight. The
supported phase shift range is from 125 to 250 ps. HardCopy II devices can shift all output frequencies in
increments of at least 45
°. Smaller degree increments are possible depending on the frequency and divide
parameters. For non-50% duty cycle clock outputs post-scale counters range from 1 to 256.
(4)
HardCopy II fast PLLs only support manual clock switchover.
(5)
The clock outputs can be driven to internal clock networks or to a pin.
(6)
The PLL clock outputs of the fast PLLs can drive to any I/O pin to be used as an external clock output. For
high-speed differential I/O pins, the device uses a data channel to generate the transmitter output clock
(
txclkout
).
(7)
If the design uses external feedback input pins, you will lose one (or two, if fBIN is differential) dedicated external
clock output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com