Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC240 Datasheet(PDF) 13 Page - Altera Corporation

Part # HC240
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC240 Datasheet(HTML) 13 Page - Altera Corporation

Back Button HC240 Datasheet HTML 9Page - Altera Corporation HC240 Datasheet HTML 10Page - Altera Corporation HC240 Datasheet HTML 11Page - Altera Corporation HC240 Datasheet HTML 12Page - Altera Corporation HC240 Datasheet HTML 13Page - Altera Corporation HC240 Datasheet HTML 14Page - Altera Corporation HC240 Datasheet HTML 15Page - Altera Corporation HC240 Datasheet HTML 16Page - Altera Corporation HC240 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 228 page
background image
Altera Corporation
2–5
September 2008
Preliminary
HardCopy II and Stratix II Similarities and Differences
■
Unlike Stratix II FPGAs, the HardCopy II M4K block contents cannot
be pre-loaded with a Memory Initialization File (.mif) when used as
RAM. When used as ROM, HardCopy II M4K blocks are initialized
to the ROM contents.
■
When used as RAM, and you select the non-registered output mode,
HardCopy II M4K and M-RAM blocks power up with outputs
unknown. In Stratix II FPGAs, M4K blocks power up with outputs
cleared, while M-RAM blocks power up with outputs unknown. If
registered outputs mode is selected, the outputs are cleared on both
the M4K and M-RAM blocks in HardCopy II.
■
The memory contents are unknown under both instances.
■
All HardCopy II clock network features are the same as in Stratix II
FPGAs.
■
Enhanced PLL and fast PLL implementations in HardCopy II
devices are the same as in Stratix II FPGAs.
■
All Stratix II I/O features and supported I/O standards are offered
in HardCopy II devices.
■
The Joint Test Action Group (JTAG) boundary scan order and length
in HardCopy II devices is different than that of the Stratix II FPGA.
Use a HardCopy II boundary-scan description language (BSDL) file
that describes the re-ordered and shortened boundary scan chain.
■
Unlike Stratix II devices, HardCopy II devices are customized using
two metal layers. Therefore, configuration circuitry is not required.
FPGA configuration emulation and other configuration modes,
including remote system upgrades and design security using
configuration bitstream encryption, are not supported in
HardCopy II devices.
■
Even though configuration is not required, the
CRC_ERROR pin
function is supported by the HardCopy II using Quartus II software
version 6.0 and above. There is no need to recompile the Stratix II
design to eliminate this feature.
1
Only supplementary information to highlight HardCopy II
similarities and differences compared to the Stratix II FPGA
architecture and functionality is provided in this chapter. For
more information on similarities and differences of available
resources of the HardCopy II, refer to the Migrating Stratix II
Device Resources to HardCopy II Devices chapter of this Handbook.
In addition, the Stratix II Device Handbook has detailed
explanations of architectural features and functions that are
similar to the HardCopy II devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com