Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E22/6/16-3C90 Datasheet(PDF) 5 Page - FERYSTER Inductive Components Manufacturer

Part # E22/6/16-3C90
Description  Planar E cores and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

E22/6/16-3C90 Datasheet(HTML) 5 Page - FERYSTER Inductive Components Manufacturer

  E22/6/16-3C90 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer E22/6/16-3C90 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer E22/6/16-3C90 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer E22/6/16-3C90 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer E22/6/16-3C90 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer E22/6/16-3C90 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer E22/6/16-3C90 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2004 Sep 01
5
Ferroxcube
Planar E cores and accessories
E22/6/16
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f= 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50mT;
T=100
°C
f = 500 kHz;
=50mT;
T = 100
°C
E+E22-3C90
≥320
≤ 0.28
−−
−
E+PLT22-3C90
≥320
≤ 0.23
−−
−
E+E22-3C92
≥370
≤ 0.22
≤ 1.5
−−
E+PLT22-3C92
≥370
≤ 0.18
≤ 1.25
−−
E+E22-3C93
≥320
≤ 0.22(1)
1.
Measured at 140
°C.
≤ 1.5(1)
−−
E+PLT22-3C93
≥320
≤ 0.18(1)
≤ 1.25(1)
−−
E+E22-3C94
≥320
≤ 0.22
≤ 1.5
−−
E+PLT22-3C94
≥320
≤ 0.18
≤ 1.25
−−
E+E22-3C96
≥320
≤ 0.17
≤ 1.1
≤ 0.45
≤ 1.0
E+PLT22-3C96
≥320
≤ 0.14
≤ 1.0
≤ 0.38
≤ 0.75
E+E22-3F3
≥300
≤ 0.28
−≤ 0.5
−
E+PLT22-3F3
≥300
≤ 0.23
−≤ 0.40
−
E+E22-3F35
≥300
−−
≤ 0.25
≤ 0.4
E+PLT22-3F35
≥300
−−
≤ 0.2
≤ 0.3
GRADE
B (mT) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 500 kHz;
=100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T=100
°C
f= 1 MHz;
=50mT;
T = 100
°C
f= 3 MHz;
=10mT;
T = 100
°C
E+E22-3F35
≥300
≤ 3.0
−−
−
E+PLT22-3F35
≥300
≤ 2.2
−−
−
E+E22-3F4
≥250
−≤ 0.8
−≤ 1.2
E+PLT22-3F4
≥250
−≤ 0.6
−≤ 1.0
E+E22-3F45
≥250
−≤ 0.51
≤ 1.3
≤ 0.9
E+PLT22-3F45
≥250
−≤ 0.41
≤ 1.1
≤ 0.72
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com