Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC331 Datasheet(PDF) 15 Page - Altera Corporation

Part # HC331
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC331 Datasheet(HTML) 15 Page - Altera Corporation

Back Button HC331 Datasheet HTML 11Page - Altera Corporation HC331 Datasheet HTML 12Page - Altera Corporation HC331 Datasheet HTML 13Page - Altera Corporation HC331 Datasheet HTML 14Page - Altera Corporation HC331 Datasheet HTML 15Page - Altera Corporation HC331 Datasheet HTML 16Page - Altera Corporation HC331 Datasheet HTML 17Page - Altera Corporation HC331 Datasheet HTML 18Page - Altera Corporation HC331 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–13
Switching Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
PLL Specifications
Table 1–19 describes the HardCopy III PLL specifications when operating in both the
commercial junction temperature range (0° to 85° C) and the industrial junction
temperature range (–40° to 100°C). Refer to Figure 1–4 in the “PLL Specifications” row
in Table 1–33 for a PLL block diagram.
Table 1–19. HardCopy III PLL Specifications – Preliminary (Part 1 of 2) (Note 1)
Symbol
Parameter
Min
Typ
Max
Unit
f
IN
Input clock frequency
5
717 (2)
MHz
f
INPF D
Input frequency to the PFD
5
325
MHz
f
VC O
PLL VCO operating range
600
1300
MHz
t
EINDUTY
Input clock or external feedback clock input duty cycle
40
60
%
f
OUT
Output frequency for internal global or regional clock
717 (3)
MHz
f
OUT_EXT
Output frequency for external clock output
717 (3)
MHz
t
OUTDUTY
Duty cycle for external clock output (when set to 50%)
45
50
55
%
t
FC OMP
External feedback clock compensation time
10
ns
t
CONF IGPLL
Time required to reconfigure PLL scan chain
scanclk cycles
t
CONF IGPHAS E
Time required to reconfigure phase shift
scanclk cycles
f
SC ANC LK
scanclk
frequency
100
MHz
t
LOCK
Time required to lock from end of device power up (4)
——
ms
t
DLOCK
Time required to lock dynamically (after switchover or
reconfiguring any non-post-scale counters/delays)
——
ms
f
CLB W
PLL closed-loop low bandwidth
MHz
PLL closed-loop medium bandwidth
MHz
PLL closed-loop high bandwidth (5)
——
MHz
t
PLL_P SERR
Accuracy of PLL phase shift
ps
t
ARES ET
Minimum pulse width on areset signal
10
ns
t
INCC J (4)
Input clock cycle to cycle jitter (F
REF ≥ 100 MHz)
UI (p–p)
Input clock cycle to cycle jitter (F
REF < 100 MHz)
ps (p–p)
t
OUTPJ _DC (6)
Period jitter for dedicated clock output (F
OUT ≥ 100 MHz)
ps (p–p)
Period jitter for dedicate clock output (F
OUT < 100 MHz)
mUI (p–p)
t
OUTCC J_DC (6)
Cycle to cycle jitter for dedicated clock output (F
OUT ≥ 100 MHz)
ps (p–p)
Cycle to cycle jitter for dedicated clock output (F
OUT < 100 MHz)
mUI (p–p)
t
OUTPJ _IO (6)
Period jitter for clock output on regular I/O (F
OUT ≥ 100 MHz)
ps (p–p)
Period jitter for clock output on regular I/O (F
OUT < 100 MHz)
mUI (p–p)
t
OUTCC J_IO (6)
Cycle to cycle jitter for clock output on regular I/O (F
OUT
100 MHz)
——
ps (p–p)
Cycle to cycle jitter for clock output on regular I/O (F
OUT <
100 MHz)
——
mUI (p–p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com