Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC362 Datasheet(PDF) 13 Page - Altera Corporation

Part # HC362
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC362 Datasheet(HTML) 13 Page - Altera Corporation

Back Button HC362 Datasheet HTML 9Page - Altera Corporation HC362 Datasheet HTML 10Page - Altera Corporation HC362 Datasheet HTML 11Page - Altera Corporation HC362 Datasheet HTML 12Page - Altera Corporation HC362 Datasheet HTML 13Page - Altera Corporation HC362 Datasheet HTML 14Page - Altera Corporation HC362 Datasheet HTML 15Page - Altera Corporation HC362 Datasheet HTML 16Page - Altera Corporation HC362 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–11
Electrical Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
Power Consumption
Altera offers two ways to estimate power for a design: the Excel-based Early Power
Estimator and the Quartus® II PowerPlay Power Analyzer feature.
Use the interactive Excel-based Early Power Estimator prior to designing in order to
get a magnitude estimate of the device power. The Quartus II PowerPlay Power
Analyzer provides better quality estimates based on the specifics of the design after
the place-and-route is complete. The PowerPlay Power Analyzer can apply a
combination of user-entered, simulation-derived, and estimated signal activities
which, combined with detailed circuit models, can yield very accurate power
estimates.
See Table 1–4 on page 1–5 for supply current estimates for V
CCPGM and VCC_CLKIN. Use
the EPE and PowerPlay Power Analyzer for current estimates of the remaining power
supplies.
f For more information about power estimation tools, refer to the Power Play Early
Power Estimator User Guide and the PowerPlay Power Analysis chapter in volume 3 of
the Quartus II Device Handbook.
2.5V LVDS
(Column
I/O)
2.375
2.5
2.625
100
VCM = 1.25V
—
0.05
(2)
Dmax
≤ 700
Mbps
1.8
(2)
0.247
—
0.6
1.0
1.25
1.5
2.375
2.5
2.625
100
VCM = 1.25V
—
1.05
(2)
Dmax > 700
Mbps
1.55
(2)
—————
1.5
RSDS
(Row I/O)
2.375
2.5
2.625
100
VCM = 1.25V
—
0.3
—
1.4
0.1
0.2
0.6
0.5
1.2
1.4
RSDS
(Column
I/O)
2.375
2.5
2.625
100
VCM = 1.25V
—
0.3
—
1.4
0.1
0.2
0.6
0.5
1.2
1.5
Mini-LVDS
(Row I/O)
2.375
2.5
2.625
200
—
600
0.4
—
1.325
0.25
—
0.6
0.5
1.2
1.4
Mini-LVDS
(Column
I/O)
2.375
2.5
2.625
200
—
600
0.4
—
1.325
0.25
—
0.6
0.5
1.2
1.5
LVPECL (3)
2.375
(4)
2.5
(4)
2.625
(4)
300
—
—
0.6
Dmax
≤ 700
Mbps
1.8
(5)
——————
————
—
—
0.6
Dmax
≤ 700
Mbps
1.6
(5)
——————
Notes to Table 1–17:
(1) RL range: 90 ≤ RL ≤ 110 Ω .
(2) For data rate: Dmax > 700 Mbps, the minimum input voltage is 1.0 V, the maximum input voltage is 1.6 V. For Dmax ≤ 700 Mbps, the minimum input
voltage is 0 V, the maximum input voltage is 1.85 V.
(3) Column and Row I/O banks support LVPECL I/O standards for input operation only on dedicated clock input pins. Differential clock inputs in
column I/O use VCC_CLKIN which should be powered by 2.5 V. Differential clock inputs in row I/Os are powered by VCCPD.
(4) Power supply for column I/O LVPECL differential clock input buffer is VCC_CLKIN.
(5) For data rate Dmax > 700 Mbps, the minimum input voltage is 0.85 V, and the maximum input voltage is 1.75 V. For data rate Dmax ≤ 700 Mbps, the
minimum input voltage is 0.45 V, and the maximum input voltage is 1.95 V.
Table 1–17. Differential I/O Standard Specifications – Preliminary (Part 2 of 2)
I/O Standard
V
CCIO (V)
V
ID (mV)
V
IC M (DC ) (V)
V
OD (V ) (1)
V
OCM (V ) (1)
Min
Typ
Max
Min
Condition
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com