Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC372 Datasheet(PDF) 17 Page - Altera Corporation

Part # HC372
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC372 Datasheet(HTML) 17 Page - Altera Corporation

Back Button HC372 Datasheet HTML 13Page - Altera Corporation HC372 Datasheet HTML 14Page - Altera Corporation HC372 Datasheet HTML 15Page - Altera Corporation HC372 Datasheet HTML 16Page - Altera Corporation HC372 Datasheet HTML 17Page - Altera Corporation HC372 Datasheet HTML 18Page - Altera Corporation HC372 Datasheet HTML 19Page - Altera Corporation HC372 Datasheet HTML 20Page - Altera Corporation HC372 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–15
Switching Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
TriMatrix Memory Block Specifications
Table 1–21 describes the HardCopy III TriMatrix memory block specifications.
Table 1–21. HardCopy III TriMatrix Memory Block Performance Specifications – Preliminary (Part 1 of 2) (Note 1)
Memory
Block Type
Mode
TriMatrix
Memory
Max
Unit
MLAB
Single port 16 × 10
1
500
MHz
Simple dual-port 16 × 20 single clock
1
500
MHz
ROM 64 × 10
1
500
MHz
ROM 32 × 20
1
500
MHz
M9K
Single-port 8K × 1
1
465
MHz
Single-port 4K × 2 or 2K × 4
1
485
MHz
Single-port 1K × 9, 512 × 18, or 256 × 36
1
475
MHz
Simple dual-port, 8K × 1 single clock
1
460
MHz
Simple dual-port, 4K × 2 or 2K × 4, single clock
1
480
MHz
Simple dual-port, 1K × 9, 512 × 18, or 256 × 36, single clock
1
475
MHz
Simple dual-port, 8K × 1, 4K × 2, or 2K × 4 single clock, with the
read-during-write option set to “Old Data”
1312
MHz
Simple dual-port, 1K × 9, 512 × 18, or 256 × 36, single clock, with the
read-during-write option set to “Old Data”
1312
MHz
True dual-port, 8K × 1 single clock
1
440
MHz
True dual-port, 4K × 2 or 2K × 4, single clock
1
480
MHz
True dual-port, 1K × 9 or 512 × 18, single clock
1
460
MHz
True dual-port, 8K × 1, 4K × 2, or 2K × 4, single clock, with the
read-during-write option set to “Old Data”
1295
MHz
True dual-port, 1K × 9 or 512 × 18, single clock, with the read-during-write
option set to “Old Data”
1285
MHz
ROM 1P, 8K × 1, 4K × 2, or 2K × 4, single clock, with the read-during-write
option set to “Old Data”
1485
MHz
ROM 1P, 1K × 9, 512 × 18, single clock, with the read-during-write option
set to “Old Data”
1485
MHz
ROM 2P, 8K × 1, 4K × 2, or 2K × 4
1
485
MHz
ROM 2P, 1K × 9, or 512 × 18
1
485
MHz
Min Pulse Width (Clock High Time)
—
800
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com