Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E22/6/16-3F3 Datasheet(PDF) 2 Page - FERYSTER Inductive Components Manufacturer

Part # E22/6/16-3F3
Description  Planar E cores and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

E22/6/16-3F3 Datasheet(HTML) 2 Page - FERYSTER Inductive Components Manufacturer

  E22/6/16-3F3 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer E22/6/16-3F3 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer E22/6/16-3F3 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer E22/6/16-3F3 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer E22/6/16-3F3 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer E22/6/16-3F3 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer E22/6/16-3F3 Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Sep 01
2
Ferroxcube
Planar E cores and accessories
E22/6/16
CORES
Effective core parameters of a set of E cores
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.414
mm−1
Ve
effective volume
2550
mm3
Ie
effective length
32.5
mm
Ae
effective area
78.3
mm2
Amin
minimum area
78.3
mm2
m
mass of core half
≈ 6.5
g
handbook, halfpage
MBE646
21.8
± 0.4
16.8
± 0.4
3.2
± 0.1
15.8
± 0.3
R 0.8 (12x)
5.7
± 0.1
5
± 0.1
Fig.1 E22/6/16.
Dimensions in mm.
Effective core parameters of an E/PLT combination
Ordering information for plates
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.332
mm−1
Ve
effective volume
2040
mm3
Ie
effective length
26.1
mm
Ae
effective area
78.5
mm2
Amin
minimum area
78.5
mm2
m
mass of plate
≈ 4g
GRADE
TYPE NUMBER
3C90
PLT22/16/2.5-3C90
3C92
PLT22/16/2.5-3C92
3C93
PLT22/16/2.5-3C93
3C94
PLT22/16/2.5-3C94
3C96
PLT22/16/2.5-3C96
3F3
PLT22/16/2.5-3F3
3F35
PLT22/16/2.5-3F35
3F4
PLT22/16/2.5-3F4
3F45
PLT22/16/2.5-3F45
3E6
PLT22/16/2.5-3E6
handbook, halfpage
MBE654
21.8
± 0.4
15.8
± 0.3
2.5
± 0.05
R 0.8
Fig.2 PLT22/16/2.5.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com