Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E64/10/50-3F3 Datasheet(PDF) 4 Page - FERYSTER Inductive Components Manufacturer

Part # E64/10/50-3F3
Description  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

E64/10/50-3F3 Datasheet(HTML) 4 Page - FERYSTER Inductive Components Manufacturer

  E64/10/50-3F3 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer E64/10/50-3F3 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer E64/10/50-3F3 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer E64/10/50-3F3 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer E64/10/50-3F3 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer E64/10/50-3F3 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2004 Sep 01
4
Ferroxcube
Planar E cores and accessories
E64/10/50
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT), clamping force for AL measurements, 100 ±30 N.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C90
630
±3%
≈ 78
≈ 1100
E64/10/50-3C90-A-630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3C90-A-1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3C90-A-1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3C90-A-2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3C90-A-3150-P
16540
±25%
≈ 1790
≈ 0
E64/10/50-3C90
3C92
12700
±25%
≈ 1370
≈ 0
E64/10/50-3C92
3C93
15050
±25%
≈ 1630
≈ 0
E64/10/50-3C93
3C94
630
±3%
≈ 78
≈ 1100
E64/10/50-3C94-A-630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3C94-A-1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3C94-A-1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3C94-A-2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3C94-A-3150-P
16540
±25%
≈ 1790
≈ 0
E64/10/50-3C94
3F3
630
±3%
≈ 78
≈ 1100
E64/10/50-3F3-A-630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3F3-A-1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3F3-A-1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3F3-A-2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3F3-A-3150-P
15050
±25%
≈ 1630
≈ 0
E64/10/50-3F3
3F4
630
±3%
≈ 78
≈ 1100
E64/10/50-3F4-A-630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3F4-A-1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3F4-A-1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3F4-A-2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3F4-A-3150-P
7920
±25%
≈ 860
≈ 0
E64/10/50-3F4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com