Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5545DEV Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # PE5545DEV
Description  PE55D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE5545DEV Datasheet(HTML) 2 Page - Pletronics, Inc.

  PE5545DEV Datasheet HTML 1Page - Pletronics, Inc. PE5545DEV Datasheet HTML 2Page - Pletronics, Inc. PE5545DEV Datasheet HTML 3Page - Pletronics, Inc. PE5545DEV Datasheet HTML 4Page - Pletronics, Inc. PE5545DEV Datasheet HTML 5Page - Pletronics, Inc. PE5545DEV Datasheet HTML 6Page - Pletronics, Inc. PE5545DEV Datasheet HTML 7Page - Pletronics, Inc. PE5545DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE55D Series 3.3 V
PECL Clock Oscillators
September 2007
www.pletronics.com
425-776-1880
2
Part Number:
PE55
45
D
E
V
-125.0M
-XX
Part Marking:
PFF.FFP
C YMDX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
Supply Voltage V
CC
V = 3.3V +
_ 10%
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Marking Legend:
P = Pletronics and PECL
FFF.F
= Frequency in MHz
YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com