Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5544DEV Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # PE5544DEV
Description  PE55D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE5544DEV Datasheet(HTML) 3 Page - Pletronics, Inc.

  PE5544DEV Datasheet HTML 1Page - Pletronics, Inc. PE5544DEV Datasheet HTML 2Page - Pletronics, Inc. PE5544DEV Datasheet HTML 3Page - Pletronics, Inc. PE5544DEV Datasheet HTML 4Page - Pletronics, Inc. PE5544DEV Datasheet HTML 5Page - Pletronics, Inc. PE5544DEV Datasheet HTML 6Page - Pletronics, Inc. PE5544DEV Datasheet HTML 7Page - Pletronics, Inc. PE5544DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PE55D Series 3.3 V
PECL Clock Oscillators
September 2007
www.pletronics.com
425-776-1880
3
Electrical Specification for 3.30V +
_10% over the specified temperature range and
the frequency range of 40 to 250 MHz
Item
Min
Max
Unit
Condition
Frequency Accuracy
45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
PECL /ECL
Output High Level (0
oC to 85oC)
2.275
2.420
volts
Referenced to Ground, V
CC = 3.3 V
0.975
1.120
volts
Referenced to termination voltage, V
CC = 3.3 V
-1.025 -0.880
volts
Referenced to Vcc, V
CC = 3.3 V
Output High Level (-40
oC)
2.216
2.420
volts
Referenced to Ground, V
CC = 3.3 V
0.916
1.120
volts
Referenced to termination voltage, V
CC = 3.3 V
-1.084
-0.88
volts
Referenced to Vcc, V
CC = 3.3 V
Output Low Level (0
oC to 85oC)
1.490
1.680
volts
Referenced to Ground, V
CC = 3.3 V
0.190
0.380
volts
Referenced to termination voltage, V
CC = 3.3 V
-1.810 -1.620
volts
Referenced to Vcc, V
CC = 3.3 V
Output Low Level (-40
oC)
1.470
1.745
volts
Referenced to Ground, V
CC = 3.3 V
0.170
0.445
volts
Referenced to termination voltage, V
CC = 3.3 V
-1.830 -1.555
volts
Referenced to Vcc, V
CC = 3.3 V
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.6
pS RMS
12 KHz to 20 MHz from the output frequency
-
2.8
pS RMS
10 Hz to 1 MHz from the output frequency
Output T
RISE and TFALL
-
0.7
nS
Vth is 20% and 80% of waveform
V
CC Supply Current (ICC)-
90
mA
Enable/Disable Internal Pull-up
50
-
Kohm
to V
CC
V disable
-
0.6
volts
Referenced to pad 3
V enable
2.40
-
volts
Referenced to pad 3
Output leakage
V
OUT = VCC
-10
+10
uA
Pad 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Enable time
-
10
nS
Time for output to reach a logic state
Disable time
-
10
nS
Time for output to reach a high Z state
Start up time
-
10
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
- 40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC
Standby Current I
CC
-
3
uA
Pad 1 low, device disabled
Specifications with Pad 1 E/D open circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com