Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7645DEV Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # PE7645DEV
Description  PE76D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE7645DEV Datasheet(HTML) 6 Page - Pletronics, Inc.

  PE7645DEV Datasheet HTML 1Page - Pletronics, Inc. PE7645DEV Datasheet HTML 2Page - Pletronics, Inc. PE7645DEV Datasheet HTML 3Page - Pletronics, Inc. PE7645DEV Datasheet HTML 4Page - Pletronics, Inc. PE7645DEV Datasheet HTML 5Page - Pletronics, Inc. PE7645DEV Datasheet HTML 6Page - Pletronics, Inc. PE7645DEV Datasheet HTML 7Page - Pletronics, Inc. PE7645DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PE76D Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25mm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad 670 µinch (17 µm)
Nickel plated 118 µinch (3 µm)
Gold plated 0.8 µinch (0.02 µm)
Typical thicknesses
Pin 3 Ground plane is typical
Not to scale
A
0.351 +
_0.003
8.91 +
_0.07
B
0.356 +
_0.005
9.04 +
_0.13
C
0.103 +
_0.005
2.62 +
_0.13
D
1
0.324
8.23
E
1
0.316
8.03
F
1
0.050
1.27
G
1
0.040
1.02
H
1
0.059
1.50
I
1
0.020
0.51
J
1
0.040
1.02
K
1
0.100
2.54
L
1
0.026 typical
0.66
•
The package is not hermetically sealed (the crystal unit inside is hermetically sealed).
•
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
•
The internal part of the package must be thoroughly dry before operating.
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is <0.30 volts, the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
No connect
There is no internal connection to this pad
3
Ground (GND)
4
Output
Both outputs must be terminated and biased for proper operation. The ideal
termination is 50 ohms connected to 2.0V below the Supply Voltage.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com