Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8845DEV Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # PE8845DEV
Description  PE88D Single Frequency PECL Clock Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE8845DEV Datasheet(HTML) 3 Page - Pletronics, Inc.

  PE8845DEV Datasheet HTML 1Page - Pletronics, Inc. PE8845DEV Datasheet HTML 2Page - Pletronics, Inc. PE8845DEV Datasheet HTML 3Page - Pletronics, Inc. PE8845DEV Datasheet HTML 4Page - Pletronics, Inc. PE8845DEV Datasheet HTML 5Page - Pletronics, Inc. PE8845DEV Datasheet HTML 6Page - Pletronics, Inc. PE8845DEV Datasheet HTML 7Page - Pletronics, Inc. PE8845DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PE88D Dual Frequency
PECL Clock Oscillator
April 2007
www.pletronics.com
425-776-1880
3
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
106.25
212.50
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for
1 year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
PECL /ECL
Output High Level
2.275
-
volts
Referenced to Ground, V
CC = 3.30 V
0.975
-
volts
Referenced to termination voltage
-1.025
-
volts
Referenced to Vcc
Output Low Level
-
1.680
volts
Referenced to Ground, V
CC = 3.30 V
-
0.380
volts
Referenced to termination voltage
-
-1.620
volts
Referenced to Vcc
Output Symmetry
47
53
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.9
pS RMS 12 KHz to 20 MHz from the output frequency
-
2.0
pS RMS 10 Hz to 1 MHz from the output frequency
Output T
RISE and TFALL
250
600
pS
Vth is 10% and 90% of waveform
V
CC Supply Current (ICC)
-
90
mA
Includes current of properly terminated device
Enable/Disable Internal Pull-up
60
-
Kohm
to V
CC
V disable
-
0.8
volts
Referenced to pad 3
V enable
2.00
-
volts
Output leakage
-50
+50
uA
Pad 1 low, device disabled, Outputs within
PECL output levels
Enable time
-
10
nS
Time for output to reach a logic state
Disable time
-
10
nS
Time for output to reach a high Z state
Start up time
-
5
mS
Measure from the time V
CC = 3.0V
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
- 40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC
Frequency Select Internal Pull-up
60
-
Kohm
To V
CC
Pad 2 Frequency
Select Option for
Dual Frequency
V Frequency Select 212.50 MHz
-
0.8
volts
Referenced to Ground
V Frequency Select 106.25 MHz
2.00
-
volts
Referenced to Ground
Specifications with Pad 1 E/D open circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com