Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KBP005G Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 2KBP005G
Description  SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

2KBP005G Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  2KBP005G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 2KBP005G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000Volts
2KBP005G THRU 2KBP10G
CURRENT
2.0 Ampere
100
10
1
1.0
10
0.1
100
1.0
10
0.1
0.01
140
120
0
20
40
60
80
100
1.0
0.1
0.01
20
10
1.8
1.4
1.6
0.4
0.6
0.8
1.0
1.2
80
60
40
20
8
6
4
2
1
10
100
70
60
50
40
30
20
10
0
3.0
2.0
1.0
0
175
0
25
50
75
100
125
150
REVRESE VOLTAGE,(V)
REVERSE VOLTAGE, (%)
PERCENT OF RATED PEAK
INSTANTANEOUS FORWARD VOLTAGE,(V)
NUMBER OF CYCLES AT 60 Hz
AMBIENT TEMPERATURE, ℃
RECTIFIED CURRENT
PER BRIDGE ELEMENT
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
FIG. 3- TYPICAL FORWORD CHARACTERISTICS
PER BRIDGE ELEMENT
FORWARD SURGE CURRENT PER ELEMENT
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FIG. 1- DERATING CURVE FOR
OUTPUT
Vsig=50mVp-p
f=1MHz
j
T =25℃
T =25℃
j
j
T =100℃
T =25℃
j
PULSE WIDTH=300μs
1% DUTY CYCLE
1 CYCLE
max
j
j
T =T
(
JEDEC Method)
8.3ms Single Half Sine-Wave
0.375"(9.5MM) Lead Length
Single Phase
Half wave 60Hz
Resistive or Inductive Load
RATINGS AND CHARACTERISTIC CURVES 2KBP005G THRU 2KBP10G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com