Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS125 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74LS125
Description  QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS125 Datasheet(HTML) 2 Page - Texas Instruments

  74LS125 Datasheet HTML 1Page - Texas Instruments 74LS125 Datasheet HTML 2Page - Texas Instruments 74LS125 Datasheet HTML 3Page - Texas Instruments 74LS125 Datasheet HTML 4Page - Texas Instruments 74LS125 Datasheet HTML 5Page - Texas Instruments 74LS125 Datasheet HTML 6Page - Texas Instruments 74LS125 Datasheet HTML 7Page - Texas Instruments 74LS125 Datasheet HTML 8Page - Texas Instruments 74LS125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54125, SN54126, SN54LS125A, SN54LS126A,
SN74125, SN74126, SN74LS125A, SN74LS126A
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SDLS044A – DECEMBER 1983 – REVISED MARCH 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN74LS125AN
SN74LS125AN
PDIP – N
Tube
SN74LS126AN
SN74LS126AN
Tube
SN74LS125AD
LS125A
0
°Cto70°C
SOIC
D
Tape and reel
SN74LS125ADR
LS125A
0
°C to 70°C
SOIC – D
Tube
SN74LS126AD
LS126A
Tape and reel
SN74LS126ADR
LS126A
SOP
NS
Tape and reel
SN74LS125ANSR
74LS125A
SOP – NS
Tape and reel
SN74LS126ANSR
74LS126A
CDIP
J
Tube
SN54LS125AJ
SN54LS125AJ
55
°Cto125°C
CDIP – J
Tube
SNJ54LS125AJ
SNJ54LS125AJ
–55
°C to 125°C
CFP – W
Tube
SNJ54LS125AW
SNJ54LS125AW
LCCC – FK
Tube
SNJ54LS125AFK
SNJ54LS125AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
logic diagram (each gate)
AY
Y = A
G
’125, ’LS125A
AY
G
’126, ’LS126A
The SN54125, SN54126, SN74125,
SN74126, and SN54LS126A are
obsolete and are no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com