Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKS604Y/F Datasheet(PDF) 3 Page - FERYSTER Inductive Components Manufacturer

Part # PKS604Y/F
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PKS604Y/F Datasheet(HTML) 3 Page - FERYSTER Inductive Components Manufacturer

  PKS604Y/F Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer PKS604Y/F Datasheet HTML 9Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PKS603-607
Rev. I 02/07
3
Figure 4. Frequency Jitter.
PeakSwitch
Functional Description
PeakSwitch
integratesa700VpowerMOSFETswitchwitha
powersupplycontrolleronthesamedie.Unlikeconventional
pulsewidthmodulation(PWM)controllers,PeakSwitchusesa
simpleON/OFFcontroltoregulatetheoutputvoltage.
The controller consists of an oscillator, enable
circuit (sense and logic), current-limit state machine,
5.8 V regulator, BYPASS pin under-voltage circuit, over-
temperature protection, current limit circuit, and leading
edgeblanking.PeakSwitchincorporatesadditionalcircuitry
for adaptive current limit, line under-voltage sense,
programmable smart line sense, auto-restart, adaptive
switching cycle on-time extension, and frequency jitter.
Figure2isafunctionalblockdiagramofthedevice’smost
importantfeatures.
Oscillator
Thetypicaloscillatorfrequencyisinternallysettoanaverage
of277kHz.Twosignalsaregeneratedfromtheoscillator:the
maximumdutycycle(DC
MAX)signalandtheclocksignalthat
indicatesthebeginningofeachcycle.
Theoscillatorincorporatescircuitrythatintroducesasmall
amountoffrequencyjitter,typically16kHzpeak-to-peak,to
minimizeEMIemission.Themodulationrateofthefrequency
jitterissetto1.1kHztooptimizeEMIreductionforboth
averageandquasi-peakemissions.Thefrequencyjittershould
bemeasuredwiththeoscilloscopetriggeredatthefallingedge
oftheDRAINwaveform.ThewaveforminFigure4illustrates
thefrequencyjitter.
Enable Input and Current-Limit State Machine
TheenableinputcircuitattheEN/UVpinconsistsofalow
impedancesourcefolloweroutputsetat1.0V.Thecurrent
throughthesourcefollowerislimitedto240µA.Whenthe
current out of this pin exceeds 240µA, a low logic level
(disable)isgeneratedattheoutputoftheenablecircuit.This
enable circuit output is sampled at the beginning of each
cycleontherisingedgeoftheclocksignal.Ifhigh,thepower
MOSFETisturnedonforthatcycle(enabled).Iflow,thepower
MOSFETremainsoff(disabled).Sincethesamplingisdone
onlyatthebeginningofeachcycle,subsequentchangesinthe
EN/UVpinvoltageorcurrentduringtheremainderofthe
cycleareignored.
Thecurrent-limitstatemachinereducesthecurrentlimitby
discreteamountsatlightloadswhenPeakSwitchislikelyto
switchintheaudiblefrequencyrange.Thelowercurrentlimit
raisestheeffectiveswitchingfrequencyabovetheaudiorange
andreducesthetransformerfluxdensity,includingtheassociated
audible noise. The state machine monitors the sequence of
EN/UVpinvoltagelevelstodeterminetheloadconditionand
adjuststhecurrentlimitlevelaccordinglyindiscreteamounts.
Undermostoperatingconditions(exceptwhenclosetono-load),
thelowimpedanceofthesourcefollowerkeepsthevoltageon
theEN/UVpinfromgoingmuchbelow1.0Vinthedisabled
state.Thisimprovestheresponsetimeoftheoptocouplerthat
isusuallyconnectedtothispin.
5.8 V Regulator and 6.3 V Shunt Voltage Clamp
The5.8Vregulatorchargesthebypasscapacitorconnectedto
theBYPASSpinto5.8Vbydrawingacurrentfromthevoltage
ontheDRAINpinwhenevertheMOSFETisoff.TheBYPASS
pinistheinternalsupplyvoltagenode.WhentheMOSFET
ison,thePeakSwitch operatesfromtheenergystoredinthe
bypasscapacitor.ThevoltageontheDRAINpinpowersthe
bypassduringstart-up.
Thereisa6.3VshuntregulatorclampingtheBYPASSpinat
6.3Vwhencurrentisprovidedthroughanexternalresistor
from the bias winding in normal operation. Powering the
PeakSwitch
deviceinthiswayminimizesno-loadconsumption
toabout150mWat265VAC.Notethatabiaswindingmustbe
usedtopowerthedevice.SeeKeyApplicationConsiderations
sectionfordetails.
BYPASS Pin Under-Voltage
TheBYPASSpinunder-voltagecircuitrydisablesthepower
MOSFETwhentheBYPASSpinvoltagedropsbelow4.8V.
OncetheBYPASSpinvoltagedropsbelow4.8V,itmustrise
backto5.8Vtoenable(turnon)thepowerMOSFET.
Over Temperature Protection
Thethermalshutdowncircuitrysensesthedietemperature.
Thethresholdistypicallysetat142°Cwith75°Chysteresis.
When the die temperature rises above this threshold, the
powerMOSFETisdisabledandremainsdisableduntilthedie
temperaturefallsby75°C,atwhichpointitisre-enabled.Alarge
600
0
2.5
5
285 kHz
269 kHz
VDRAIN
Time (
µs)
500
400
300
200
100
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com