Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS126 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LS126
Description  QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS126 Datasheet(HTML) 1 Page - Texas Instruments

  74LS126 Datasheet HTML 1Page - Texas Instruments 74LS126 Datasheet HTML 2Page - Texas Instruments 74LS126 Datasheet HTML 3Page - Texas Instruments 74LS126 Datasheet HTML 4Page - Texas Instruments 74LS126 Datasheet HTML 5Page - Texas Instruments 74LS126 Datasheet HTML 6Page - Texas Instruments 74LS126 Datasheet HTML 7Page - Texas Instruments 74LS126 Datasheet HTML 8Page - Texas Instruments 74LS126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54125, SN54126, SN54LS125A, SN54LS126A,
SN74125, SN74126, SN74LS125A, SN74LS126A
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SDLS044A – DECEMBER 1983 – REVISED MARCH 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Quad Bus Buffers
D 3-State Outputs
D Separate Control for Each Channel
description
These bus buffers feature three-state outputs
that, when enabled, have the low impedance
characteristics of a TTL output with additional
drive capability at high logic levels to permit
driving heavily loaded bus lines without external
pullup resistors. When disabled, both output
transistors
are
turned
off,
presenting
a
high-impedance state to the bus so the output will
act neither as a significant load nor as a driver. The
’125 and ’LS125A devices’ outputs are disabled
when G is high. The ’126 and ’LS126A devices’
outputs are disabled when G is low.
The SN54125, SN54126, SN74125,
SN74126, and SN54LS126A are
obsolete and are no longer supplied.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54125, SN54126, SN54LS125A,
SN54LS126A . . . J OR W PACKAGE
SN74125, SN74126 ...N PACKAGE
SN74LS125A, SN74LS126A . . . D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1G, 1G*
1A
1Y
2G, 2G*
2A
2Y
GND
VCC
4G, 4G*
4A
4Y
3G, 3G*
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3G, 3G*
1Y
NC
2G, 2G*
NC
2A
SN54LS125A, SN54LS126A . . . FK PACKAGE
(TOP VIEW)
*G on ’125 and ’LS125A devices;
G on 126 and ’LS126A devices
NC – No internal connection
*G on ’125 and ’LS125A devices;
G on 126 and ’LS126A devices
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - 74LS126

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS126 MOTOROLA-74LS126 Datasheet
158Kb / 5P
QUAD 3-STATE BUFFERS
logo
ON Semiconductor
74LS126 ONSEMI-74LS126 Datasheet
99Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS126 FAIRCHILD-74LS126 Datasheet
48Kb / 4P
Quad 3-STATE Buffer
logo
Hitachi Semiconductor
74LS126 HITACHI-74LS126 Datasheet
49Kb / 6P
Quadruple Bus Buffer Gates
logo
National Semiconductor ...
74LS126A NSC-74LS126A Datasheet
95Kb / 4P
Quad TRI-STATE Buffer
More results

Similar Description - 74LS126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVT125 TI-SN74LVT125_06 Datasheet
276Kb / 12P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI-SN54125_08 Datasheet
769Kb / 21P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_10 Datasheet
549Kb / 17P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI1-SN54125_15 Datasheet
906Kb / 23P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com