Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9145DEV Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # PE9145DEV
Description  PE91/PE97 Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE9145DEV Datasheet(HTML) 6 Page - Pletronics, Inc.

  PE9145DEV Datasheet HTML 1Page - Pletronics, Inc. PE9145DEV Datasheet HTML 2Page - Pletronics, Inc. PE9145DEV Datasheet HTML 3Page - Pletronics, Inc. PE9145DEV Datasheet HTML 4Page - Pletronics, Inc. PE9145DEV Datasheet HTML 5Page - Pletronics, Inc. PE9145DEV Datasheet HTML 6Page - Pletronics, Inc. PE9145DEV Datasheet HTML 7Page - Pletronics, Inc. PE9145DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PE91/PE97 Series 3.3 V
PECL Clock Oscillators
July 2007
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 µinch (0.5 µm)
Label:
Laser engraved on the 5x7 mm
oscillator that is mounted on the
FR4 base
Pin 3 Ground plane is typical
Not to scale
A
0.380 +
_0.010
9.65 +
_0.25
B
0.550 +
_0.010
13.97 +
_0.25
C
0.098 +
_0.010
2.49 +
_0.25
D
1
0.026 typ.
0.66
E
1
0.050
1.27
F
1
0.028 R
0.72 R
G
1
0.180
4.57
H
1
0.100
2.54
I
1
0.050
1.27
J
1
0.015
0.38
1 Typical Dimensions
PE91
Pad
PE97
Pad
Function
Note
2
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate. This is not a
recommended condition!!!!!!
When this pad is <0.80 volts, the output will be inhibited (High impedance state)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
1
2
No function
Recommend connecting this pad to ground. The is internal connection.
3
Ground (GND)
4
Output
Both outputs must be terminated and biased for proper operation. The ideal
termination is 50 ohms connected to 2.0V below the Supply Voltage.
The outputs become a High Z when disabled and the voltage level is determined
by the termination circuitry.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com