Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9345DEV Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # PE9345DEV
Description  PE93D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE9345DEV Datasheet(HTML) 2 Page - Pletronics, Inc.

  PE9345DEV Datasheet HTML 1Page - Pletronics, Inc. PE9345DEV Datasheet HTML 2Page - Pletronics, Inc. PE9345DEV Datasheet HTML 3Page - Pletronics, Inc. PE9345DEV Datasheet HTML 4Page - Pletronics, Inc. PE9345DEV Datasheet HTML 5Page - Pletronics, Inc. PE9345DEV Datasheet HTML 6Page - Pletronics, Inc. PE9345DEV Datasheet HTML 7Page - Pletronics, Inc. PE9345DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE93D Series 3.3 V
PECL Clock Oscillators
February 2008
www.pletronics.com
425-776-1880
2
Part Number:
PE93
45
D
E
V
-125.0M
-XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHZ
Supply Voltage V
CC
V = 3.3V +
_ 10%
Temperature Range
blank = -10 to +70
oC
E
= -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Part Marking:
PLE PE93
Marking Legend:
FF.FFF M
PLE = Pletronics
C YMDXX
FF.FFF M
= Frequency in MHz
YMD = Date of Manufacture (year-month-day)
All other marking is internal factory codes
Codes for Date Code YMD
Code
7
8
9
0
1
2
Year
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com