Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNP10VCQ Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # BNP10VCQ
Description  CIT SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BNP10VCQ Datasheet(HTML) 1 Page - CIT Relay & Switch

  BNP10VCQ Datasheet HTML 1Page - CIT Relay & Switch BNP10VCQ Datasheet HTML 2Page - CIT Relay & Switch BNP10VCQ Datasheet HTML 3Page - CIT Relay & Switch BNP10VCQ Datasheet HTML 4Page - CIT Relay & Switch BNP10VCQ Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.citswitch.com
page
184
phone – 763.535.2339 fax – 763.535.2194
BNP
SPECIFICATIONS
Electrical Ratings
3A @ 120VAC, 28VDC; 1A @ 250VAC
See Contact Options
Electrical Life
50,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
ORDERING INFORMATION
Series:
BNP
BNP
1
Number of Poles:
1 = Single Pole
1
Switch Function:
0 = OFF - (ON) **SPST
1 = ON - (ON) ** SPDT0
S
Bushing:
Blank = Panel Mount Frame
S / U = 5.59mm, 10-48UNS / Non-Threaded, Flat
T = 5.59mm, Non-Threaded, Round
V / V1 = 7.87mm, ¼-40NS / Non-Threaded, Flat
S9 = 3.20mm, Actuator Only
C
Terminals:
B = Solder Lug
C = PC Pin
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin; VS = Snap-in
A5 = PC Pin with Support Bracket; A5S = Snap-in Support Bracket
Q
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
E
Epoxy Seal:
E = Epoxy Seal
Cap / Frame Options:
C84
C85
C87 **only used with V & V1 bushings
F86 = Snap-in Panel Mount w/ Frame
Actuator Cap / Frame Colors:
** See Cap Options for color availability
- E222871
Actuator
Thermoplastic Polyester
Housing
DAP – Diallyl Phthalate
Cover
Stainless Steel
Bushing
Brass, Nickel Plated
Contacts
Copper Alloy, Silver Plated
Terminals
Brass, Silver Plated


Similar Part No. - BNP10VCQ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNP002-02 MURATA-BNP002-02 Datasheet
212Kb / 5P
BLOCK Type EMIFIL BNP Series Specification
BNP002-02 MURATA-BNP002-02 Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
BNP002-03 MURATA-BNP002-03 Datasheet
212Kb / 5P
BLOCK Type EMIFIL BNP Series Specification
BNP002-04 MURATA-BNP002-04 Datasheet
212Kb / 5P
BLOCK Type EMIFIL BNP Series Specification
More results

Similar Description - BNP10VCQ

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
J1051A3VDC CIT-J1051A3VDC Datasheet
136Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com