Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH2NFS Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # CH2NFS
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CH2NFS Datasheet(HTML) 2 Page - CIT Relay & Switch

  CH2NFS Datasheet HTML 1Page - CIT Relay & Switch CH2NFS Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citswitch.com
page
5
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS
A
B
C
D
E
F
LED CHARACTERISTICS
COLORS
LED Ratings
R
Y
G
B
O
W
Units
Reverse Voltage
VR
5
5
5
5
5
5
V
Forward Current (avg)
IF
25
25
30
30
25
30
mA
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
µA
Power Dissipation
PT
80
80
120
120
80
120
mW
Operating & Storage Temperature
TA
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Forward Voltage (max.), IF = 20mA
VF
2.4
2.5
3.6
3.6
2.3
3.6
V
Wavelength at Peak Emmission, IF = 20mA
λP
635
592
516
463
606
N/A
nm
Spectral Line Half-Width, IF = 20mA
∆λ
14
12
28
20
12
N/A
nm
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
Viewing Angle
Θ
145
145
145
145
145
145
Deg
SCHEMATICS & PANEL CUT OUT
SPDT
DPDT
SPDT (Dual LED) DPDT (Dual LED)
Panel Cut Out
CH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com