Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH1LFS Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # CH1LFS
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CH1LFS Datasheet(HTML) 1 Page - CIT Relay & Switch

  CH1LFS Datasheet HTML 1Page - CIT Relay & Switch CH1LFS Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
4
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Actuator & Body
Brass, Nickel Plated, Stainless Steel,
Black Anodized Aluminum
LED Lens
PC
Nut
Brass, Nickel Plated
Terminal Support
PBT
Inner Switch Body
PC
Contacts
Silver Alloy
Terminals
Brass, tin plated
ORDERING INFORMATION
CH
Electrical Ratings
1A @ 24VDC
1A @ 125VAC
0.5A @ 250VAC
Electrical Life
30,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
200 +/- 50gF
Actuator Travel
2.5 +/- .3mm
Dielectric Strength:
1000Vrms min (contact to contact)
1500Vrms min (contact to LED)
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-25
°C to 70°C
-25
°C to 70°C
1. Series:
CH
CH
2
2. Number of Poles:
1 = SPDT
2 = DPDT
L
3. Latching Option:
N = Momentary
L = Latching
B
4. Actuator Style:
A = Flush actuator, non-illuminated
B = Flush actuator, ring illuminated
C = Flush actuator, dot illuminated
D = Raised actuator, non-illuminated
E = Raised actuator, ring illuminated
F = Raised actuator, dot illuminated
N
5. Switch Finish:
S = Stainless steel
N = Nickel plated
B = Black
R
6. First LED Color:
Blank = No First LED
R = Red
Y = Yellow
G = Green
B = Blue
W = White**
O = Orange
B
7. Second LED Color: **For Bi-color LED Option, White only available in single color
Blank = No Second LED
G = Green
O = Orange
R = Red
Y = Yellow
B = Blue
12
8. LED Voltage:
Blank = No LED
6 = 6V
12 = 12V
24 = 24V
N = No internal resistor in series with the LED
110 = 110V
220 = 220V
9. Sealing Options:
Blank = IP40 (standard)
S = IP65
Laser etching available, contact factory


Similar Part No. - CH1LFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
Digital PC to TV Encoder with Macrovision
logo
JDS Uniphase Corporatio...
CH100GE JDSU-CH100GE Datasheet
621Kb / 2P
The industry?셲 most compact 100 G test solution
CH100GEINOTU4 JDSU-CH100GEINOTU4 Datasheet
621Kb / 2P
The industry?셲 most compact 100 G test solution
logo
Winsonic Electronics
CH1013-WE20L0 WINSONIC-CH1013-WE20L0 Datasheet
114Kb / 1P
Chassis VR Knob at front bezel, 10.1" LCD monitor, 1280 x 800,LED 200 nits, VGA input
CH1013-WE30L3 WINSONIC-CH1013-WE30L3 Datasheet
114Kb / 1P
Chassis VR Knob at front bezel, 10.1" LCD monitor, 1280 x 800,LED 300 nits, VGA input, wide viewing angle, wide temperature.
More results

Similar Description - CH1LFS

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
J1051A3VDC CIT-J1051A3VDC Datasheet
136Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com