Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNT14X Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # BNT14X
Description  CIT SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

BNT14X Datasheet(HTML) 1 Page - CIT Relay & Switch

  BNT14X Datasheet HTML 1Page - CIT Relay & Switch BNT14X Datasheet HTML 2Page - CIT Relay & Switch BNT14X Datasheet HTML 3Page - CIT Relay & Switch BNT14X Datasheet HTML 4Page - CIT Relay & Switch BNT14X Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.citswitch.com
page
132
phone – 763.535.2339 fax – 763.535.2194
BNT
SPECIFICATIONS
Electrical Ratings
3A @ 120VAC, 28VDC; 1A @ 250VAC
See Contact Options
Electrical Life
30,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
ORDERING INFORMATION
Series:
BNT
BNT
2
Number of Poles:
1 = SPDT
2 = DPDT
1
Switch Function:
1 = ON-NONE-ON
2 = ON-NONE-(ON)
3 = ON-OFF-ON
4 = (ON)-OFF-(ON) ** Only available in SPDT
5 = ON-OFF-(ON) ** Only available in SPDT
6 = ON-ON-ON ** See Three Way Wiring Section for Details
U
Actuator:
T = 5.33mm, Std, available on E/E1/F/F1 Bushings
U = 7.37mm, Std, available on E/E1/F/F1 Bushings
S = 9.40mm, Std, available on E/E1/F/F1 Bushings
X = 5.59mm, Std, available on G/G1/J/J1 Bushings
V = 10.41mm, Std, available on G/G1/J/J1 Bushings
E1
Bushing:
E / E1 = 5.59mm, 10-48UNS / Non-Threaded, Flat
F / F1 = 5.59mm, 10-48UNS / Non-Threaded, Keyway
J / J1 = 6.60mm, ¼-40NS / Non-Threaded, Keyway
G / G1 = 7.87mm, ¼-40NS / Non-Threaded, Flat
C
Terminals:
B = Solder Lug
C = PC Pin
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin; VS = Snap-in
A5 = PC Pin with Support Bracket; A5S = Snap-in Support Bracket
Q
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
E
Epoxy Seal:
E = Epoxy Seal
Actuator
Brass, Chrome Plated
Housing
DAP – Diallyl Phthalate
Cover
Stainless Steel
Bushing
Brass, Nickel Plated
Contacts
Copper Alloy, Silver or Gold Plated
Terminals
Brass, Silver or Gold Plated
- E222871


Similar Part No. - BNT14X

ManufacturerPart #DatasheetDescription
logo
ETA-USA
BNT12SA-U ETA-USA-BNT12SA-U Datasheet
655Kb / 5P
30 WATT AC-DC CONVERTER
BNT15SA-U ETA-USA-BNT15SA-U Datasheet
655Kb / 5P
30 WATT AC-DC CONVERTER
More results

Similar Description - BNT14X

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com