Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2CY Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # DS2CY
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DS2CY Datasheet(HTML) 2 Page - CIT Relay & Switch

  DS2CY Datasheet HTML 1Page - CIT Relay & Switch DS2CY Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citswitch.com
page
10
phone – 763.535.2339 fax – 763.535.2194
SCHEMATICS & PC LAYOUT
DS1 WITH LED
DS1 WITH BICOLOR LED
BOTTOM VIEW
DS2 WITH LED
DS2 WITH BICOLOR LED
BOTTOM VIEW
LED SPECIFICATIONS
Value
LED Ratings
R
G
Y
B
Units
Reverse Voltage
VR
5
5
5
5
V
Forward Current (avg)
IF
15
30
20
30
mA
Forward Current (peak)
IFS
160
120
80
100
mA
Reverse Current VR = 5V
IR
10
10
10
10
µA
Power Dissipation
PT
40
100
60
120
mW
Operating Temperature
TA
-40~ +85
°C
Storage temperature
TSTG
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
1.7
1.7
1.7
3.5
V
Forward Voltage (max.), IF = 20mA
VF
2.6
2.6
2.6
4.0
V
Capacitance, VF = 0V, f = 1MHz
CO
15
20
20
100
pF
Wavelength at Peak Emmission, IF = 20mA
λP
697
565
585
470
nm
Spectral Line Half-Width, IF = 20mA
∆λ
90
30
35
25
nm
Luminous Intensity, IF = 20mA
LI
4.2
20
8.0
450
mcd
Viewing Angle
Θ
50
50
50
30
Deg
DS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com