Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS352 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # ARS352
Description  BUTTON AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

ARS352 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  ARS352 Datasheet HTML 1Page - MIC GROUP RECTIFIERS ARS352 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUTTON AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 600 Volts
AR3505 THRU AR358
ARS3505 THRU ARS358
CURRENT
35.0 Amperes
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
MECHANICAL DATA
•
Case: transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Lead: Plated slug , solderable per MIL-STD-202E
method 208C
•
Polarity: Color ring denotes cathode end
•
Mounting Position: any
•
Weight: 0.064 ounces, 1.82 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
AR3505
ARS3505
AR351
ARS351
AR352
ARS352
AR354
ARS354
AR356
ARS356
AR358
ARS358
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
Volts
Maximum Average Forward Rectified Current,
At Tc=110℃
IO
35.0
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
500
Amps
Maximum instantaneous Forward Voltage at 80A
VF
1.08
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage per element TA=100℃
IR
250
UA
Typical Thermal Resistance
RθJC
1.0
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Polarity and voltage demotion color band
Red
Yellow
Silver
Green
Green
Blue
Notes:
1.
Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)
ARS
AR
.185(4.7)
.165(4.2)
.235(6.0)
.250(6.4)
.225(5.7)DIA
.215(5.5)TYP
.327(8.2)TYP
.346(8.8)DIA
.410(10.4)DIA
.380(9.7)TYP
.215(5.5)TYP
.225(5.7)DIA
.250(6.4)
.235(6.0)
.165(4.2)
.185(4.7)


Similar Part No. - ARS352

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ARS352 TAITRON-ARS352 Datasheet
135Kb / 4P
35A Automotive Rectifiers
logo
Shanghai Lunsure Electr...
ARS352 CHENYI-ARS352 Datasheet
154Kb / 2P
BUTTON DIODES
logo
Shanghai Shunye Electro...
ARS352 SHUNYE-ARS352 Datasheet
282Kb / 2P
AUTOMOTIVE RECTIFIERS
ARS352 SHUNYE-ARS352 Datasheet
282Kb / 2P
AUTOMOTIVE RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 35.0 Ampere
More results

Similar Description - ARS352

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
AR1505 MIC-AR1505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
AR2505 MIC-AR2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL750 MIC-ARL750 Datasheet
37Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL1505 MIC-ARL1505 Datasheet
38Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL2505 MIC-ARL2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
ARL3505 MIC-ARL3505 Datasheet
40Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
FARL2505 MIC-FARL2505 Datasheet
44Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
JAAR80M MIC-JAAR80M Datasheet
21Kb / 1P
JUMBO BUTTON AVALANCHE AUTOMOTIVE RECTIFIER
JAR7005 MIC-JAR7005 Datasheet
39Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
JAR8005 MIC-JAR8005 Datasheet
38Kb / 2P
JUMBO BUTTON AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com