Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1200VC3 Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # CL1200VC3
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CL1200VC3 Datasheet(HTML) 3 Page - CIT Relay & Switch

  CL1200VC3 Datasheet HTML 1Page - CIT Relay & Switch CL1200VC3 Datasheet HTML 2Page - CIT Relay & Switch CL1200VC3 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citswitch.com
page
3
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS – CAP OPTIONS WITH FRAME, BY TERMINATION STYLE
A – CAP
A1 – CAP
B - CAP
B1 – CAP
A – CAP
A1 - CAP
B – CAP
B1 - CAP
SCHEMATICS & PC LAYOUTS
SINGLE / DUAL
COLOR LED
THROUGH HOLE
RIGHT ANGLE
SMT
LED SPECIFICATIONS
Value
LED Ratings
R
G
Y
B
W
O
RS
GS
YS
Units
Reverse Voltage
VR
5
5
5
5
5
5
5
5
5
V
Forward Current (avg)
IF
30
30
30
30
30
30
30
30
30
mA
Forward Current (peak)
IFS
125
125
125
125
125
125
125
125
125
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
10
10
10
µA
Power Dissipation
PT
69
81
78
120
120
75
75
75
75
mW
Operating & Storage Temperature
TA
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
1.8
2.2
2.1
3.5
3.5
2.0
2.0
2.0
2.0
V
Forward Voltage (max.), IF = 20mA
VF
2.3
2.7
2.6
4.0
4.0
2.5
2.5
2.5
2.5
V
Wavelength at Peak Emmission, IF = 20mA
λP
660
565
585
460
N/A
610
630
572
590
nm
Spectral Line Half-Width, IF = 20mA
∆λ
24
32
37
40
N/A
35
20
20
20
nm
Luminous Intensity, IF = 20mA
LI
130
65
45
200
60
50
1120
525
1550
mcd
Viewing Angle
Θ
20
20
20
20
165
20
20
20
20
Deg
CL1200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com