Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST11P2N Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # AST11P2N
Description  CIT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

AST11P2N Datasheet(HTML) 2 Page - CIT Relay & Switch

  AST11P2N Datasheet HTML 1Page - CIT Relay & Switch AST11P2N Datasheet HTML 2Page - CIT Relay & Switch AST11P2N Datasheet HTML 3Page - CIT Relay & Switch AST11P2N Datasheet HTML 4Page - CIT Relay & Switch AST11P2N Datasheet HTML 5Page - CIT Relay & Switch AST11P2N Datasheet HTML 6Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.citswitch.com
page
127
phone – 763.535.2339 fax – 763.535.2194
AST
SWITCH FUNCTION
ACTUATOR OPTIONS
** Actuator lengths shown with N bushing, subtract 2.15mm for E bushing
T
S
P1
P2
Toggle Position
Function
1
ON
NONE
ON
2
ON
NONE
(ON)
3
ON
OFF
ON
SPDT
4
(ON)
OFF
(ON)
5
ON
OFF
(ON)
Terminals
2-3
---
2-1
Toggle Position
Function
1
ON
NONE
ON
2
ON
NONE
(ON)
3
ON
OFF
ON
4
(ON)
OFF
(ON)
5
ON
OFF
(ON)
DPDT
Terminals
2-3
---
2-1
6
ON
ON
ON
Terminals
2-3
5-6
2-3
5-4
2-1
5-4
Toggle Position
Function
1
ON
NONE
ON
2
ON
NONE
(ON)
3
ON
OFF
ON
3PDT
4
(ON)
OFF
(ON)
5
ON
OFF
(ON)
Terminals
2-3
5-6
8-9
---
2-1
5-4
8-7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com