Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2CBY Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # DS2CBY
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DS2CBY Datasheet(HTML) 1 Page - CIT Relay & Switch

  DS2CBY Datasheet HTML 1Page - CIT Relay & Switch DS2CBY Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
9
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
200mA @ 36VDC
Electrical Life
20,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
300 +/- 100gF
Actuator Travel
2 +/- .25mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
PC – Polycarbonate
Housing
6/6 Nylon
Cover
6/6 Nylon
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
DS
DS
A
2. Switch Function:
1 = SPST N.O.
2 = DPST N.O.
2
3. Cap Option:
N = No Cap
C = With Cap
B
4. LED Color:
Blank = No LED
R = Red
G = Green
Y = Yellow
B = Blue
R
5. Second LED Color: **For Bicolor LED option
Blank = No Second LED Color
R = Red
G = Green
Y = Yellow
B = Blue
DIMENSIONS
DS WITHOUT CAP
DS WITH CAP
DS


Similar Part No. - DS2CBY

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS2 IXYS-DS2 Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
logo
Apex Electronics Co., L...
DS2 APEX-ELECTRONICS-DS2 Datasheet
256Kb / 2P
5.7*5.0mm detector switch, SMD, normal open
logo
Multicomp Pro
DS2 MULTICOMP-DS2 Datasheet
261Kb / 2P
Tap Splices
18/11/20 V1.0
logo
IXYS Corporation
DS2-08A IXYS-DS2-08A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DS2-12A IXYS-DS2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
More results

Similar Description - DS2CBY

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com