Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7644DEV Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # SM7644DEV
Description  3.3 V CMOS Clock Oscillators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7644DEV Datasheet(HTML) 1 Page - Pletronics, Inc.

  SM7644DEV Datasheet HTML 1Page - Pletronics, Inc. SM7644DEV Datasheet HTML 2Page - Pletronics, Inc. SM7644DEV Datasheet HTML 3Page - Pletronics, Inc. SM7644DEV Datasheet HTML 4Page - Pletronics, Inc. SM7644DEV Datasheet HTML 5Page - Pletronics, Inc. SM7644DEV Datasheet HTML 6Page - Pletronics, Inc. SM7644DEV Datasheet HTML 7Page - Pletronics, Inc. SM7644DEV Datasheet HTML 8Page - Pletronics, Inc. SM7644DEV Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, 2008, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM76D Series 3.3 V
CMOS Clock Oscillators
March 2008
• Pletronics’ SM76D Series is a quartz crystal
controlled precision square wave generator with a
CMOS output. Made from SM77D devices.
• The SM76D series will directly interface TTL
devices also.
• S-Pkg is Solder pad compatible with the Epson
SG615 and SG8002J and many other 9x14mm
plastic J lead packages.
• FR4 base with an SM77D series oscillator.
• Capable of driving up to 50pF capacitive loads
• Tape and Reel or cut tape packaging available.
• 70 to 180 MHz
• 9.04mm x 8.23mm package
• Enable/Disable Function
• Disable function includes low standby power
mode
•3rd Overtone Crystals used
• Improved circuit to minimize oscillator issues
such as multi-mode output signal.
• Low Jitter
• Has internal bypass capacitor on the Vcc lead
• Package changed in 2008
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.40 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 60 to 100oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - SM7644DEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7644DE PLETRONICS-SM7644DE Datasheet
203Kb / 9P
5.0 V CMOS Clock Oscillators
SM7644DEW PLETRONICS-SM7644DEW Datasheet
205Kb / 9P
2.5 V CMOS Clock Oscillators
SM7644DEX PLETRONICS-SM7644DEX Datasheet
203Kb / 9P
1.8 V CMOS Clock Oscillators
More results

Similar Description - SM7644DEV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
P113SD Series 3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
3.3 V CMOS Clock Oscillators
SM7645HEV PLETRONICS-SM7645HEV Datasheet
203Kb / 9P
3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
3.3 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
3.3 V CMOS Clock Oscillators
SQ3345DESV PLETRONICS-SQ3345DESV Datasheet
135Kb / 7P
3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com