Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS221DBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS221DBR
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS221DBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LS221DBR Datasheet HTML 7Page - Texas Instruments SN74LS221DBR Datasheet HTML 8Page - Texas Instruments SN74LS221DBR Datasheet HTML 9Page - Texas Instruments SN74LS221DBR Datasheet HTML 10Page - Texas Instruments SN74LS221DBR Datasheet HTML 11Page - Texas Instruments SN74LS221DBR Datasheet HTML 12Page - Texas Instruments SN74LS221DBR Datasheet HTML 13Page - Texas Instruments SN74LS221DBR Datasheet HTML 14Page - Texas Instruments SN74LS221DBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
B†
CLR
Q
3 V
3 V
0 V
0 V
VOH
VOL
≥ 50 ns
CONDITION 4: TRIGGERING FROM POSITIVE TRANSITION OF CLR
≥ 50 ns
A‡
CLR
Q
Q
3 V
3 V
0 V
0 V
VOH
VOH
VOL
VOL
tw
≥ 60 ns
tPLH
tPHL
tPHL
tPLH
CONDITION 5: TRIGGER FROM A, THEN CLR
A‡
Q
Q
3 V
0 V
VOH
VOH
VOL
VOL
tw
CONDITION 6: TRIGGER FROM A
tw
† A is low.
‡ B and CLR are high.
NOTES: A. Input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO ≈ 50Ω; for SN54/74221, tr ≤ 7 ns,
tf ≤ 7 ns, for SN54/74LS221, tr ≤ 15 ns, tf ≤ 6 ns.
B. All measurements are made between the 1.5-V points of the indicated transitions for the SN54/74221 or between the 1.3-V points
for the SN54/74LS221.
Figure 1. Switching Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com